Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37941X Datasheet(PDF) 2 Page - EPCOS

Part # B37941X
Description  Multilayer ceramic capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37941X Datasheet(HTML) 2 Page - EPCOS

  B37941X Datasheet HTML 1Page - EPCOS B37941X Datasheet HTML 2Page - EPCOS B37941X Datasheet HTML 3Page - EPCOS B37941X Datasheet HTML 4Page - EPCOS B37941X Datasheet HTML 5Page - EPCOS B37941X Datasheet HTML 6Page - EPCOS B37941X Datasheet HTML 7Page - EPCOS B37941X Datasheet HTML 8Page - EPCOS B37941X Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Multilayer ceramic capacitor
B37941X
MLSC series
MLSC 0805, 50 V and 100 V
Description
The MLSC series was designed for applications directly linked to a power source / voltage source
(e.g. battery, clamp 30 in automotive applications) and safety relevant application without (integrated)
current limitation.
Features
The MLSC (Multi Layer Serial Ceramic Capacitor) consists of two serial connected capacitors
in one component
Due to the special design the probability of a short circuit is much reduced
- in case of a bending crack
- in many cases of an assembling crack
- in many cases of a solder shock crack
The MLSC meets the requirements of automotive manufacturers for a (redundant) serial
connection of two capacitors, if the application is directly connected to the battery, in one
component.
Reduced number of components leads to
- increased reliability
- place saving on the PCB
- reduced assembling time
The MLSC is based on established MLCC technology, but with more robust design. This
MLCC technology offers highest reliability (ppb-rate) and long term field experience.
The MLSC offers high reliability due to more stringent process control and end of line testing,
which enables the achievement of a 10 ppb level for the application failure rate (measure: 0
mileage and field), see chapter ppb – Level Assurance System page 12.
The MLSC meets AEC-Q200 requirements, see pages 7 – 11.
The specified bending strength is 2 mm according to piezo electric method (∆I measurement)
The MLSC is suitable for applications with temperature requirements up to 150 °C with respect
to the voltage derating and short term temperature peaks up to 175 °C without load, see
chapter High Temperature Application page 3.
The MLSC is lead free in terms of RoHS.
Nickel barrier termination
BME technology
The MLSC offers a selected range of capacitance in case size 0805 (rated voltage 50 V and
100 V).
KB VS PE
July 2005
Please read Cautions and warnings and
Page 2 of 14
Important notes at the end of this document.


Similar Part No. - B37941X

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37941X1102K060 EPCOS-B37941X1102K060 Datasheet
797Kb / 17P
Multilayer ceramic capacitors
B37941X1102K070 EPCOS-B37941X1102K070 Datasheet
797Kb / 17P
Multilayer ceramic capacitors
B37941X1103K060 EPCOS-B37941X1103K060 Datasheet
797Kb / 17P
Multilayer ceramic capacitors
B37941X1103K062 EPCOS-B37941X1103K062 Datasheet
797Kb / 17P
Multilayer ceramic capacitors
B37941X1103K070 EPCOS-B37941X1103K070 Datasheet
797Kb / 17P
Multilayer ceramic capacitors
More results

Similar Description - B37941X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com