Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37941X Datasheet(PDF) 1 Page - EPCOS

Part # B37941X
Description  Multilayer ceramic capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37941X Datasheet(HTML) 1 Page - EPCOS

  B37941X Datasheet HTML 1Page - EPCOS B37941X Datasheet HTML 2Page - EPCOS B37941X Datasheet HTML 3Page - EPCOS B37941X Datasheet HTML 4Page - EPCOS B37941X Datasheet HTML 5Page - EPCOS B37941X Datasheet HTML 6Page - EPCOS B37941X Datasheet HTML 7Page - EPCOS B37941X Datasheet HTML 8Page - EPCOS B37941X Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Multilayer ceramic capacitor
MLSC series
Series/Type:
MLSC 0805, 50 V and 100 V
Ordering code: B37941X
Date:
July 2005
Version:
1
Content of inside pages of data sheet. Data will be automatically entered into headers and
footers. Please fill in the table and then change the colour to “White”. This ensures that the
table disappears for the customer pdf.
Identification/Classification 1:
(header 1)
Multilayer ceramic capacitor
Identification/Classification 2:
(header 2)
MLSC series
Ordering code:
B37941X
Series/Type:
MLSC 0805, 50 V and 100 V
Preliminary data (optional):
(if necessary)
Department:
KB VS PE
Date:
July 2005
Prepared by:
Mr. Schlauer
Release signed PE:
Dr. Engel
Release signed PE:
Dr. Slakhorst
 EPCOS AG 2005. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information
contained therein without EPCOS' prior express consent is prohibited.


Similar Part No. - B37941X

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37941X1102K060 EPCOS-B37941X1102K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37941X1102K070 EPCOS-B37941X1102K070 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37941X1103K060 EPCOS-B37941X1103K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37941X1103K062 EPCOS-B37941X1103K062 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37941X1103K070 EPCOS-B37941X1103K070 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
More results

Similar Description - B37941X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com