Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIMXRT685SFFOB Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MIMXRT685SFFOB
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
Download  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMXRT685SFFOB Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MIMXRT685SFFOB Datasheet HTML 6Page - NXP Semiconductors MIMXRT685SFFOB Datasheet HTML 7Page - NXP Semiconductors MIMXRT685SFFOB Datasheet HTML 8Page - NXP Semiconductors MIMXRT685SFFOB Datasheet HTML 9Page - NXP Semiconductors MIMXRT685SFFOB Datasheet HTML 10Page - NXP Semiconductors MIMXRT685SFFOB Datasheet HTML 11Page - NXP Semiconductors MIMXRT685SFFOB Datasheet HTML 12Page - NXP Semiconductors MIMXRT685SFFOB Datasheet HTML 13Page - NXP Semiconductors MIMXRT685SFFOB Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.2 — 25 January 2024
10 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
5. Marking
The MIMXRT6xxSFAWBR WLCSP114 production samples has the following top-side
package marking:
• First line: MRT6xxSF
• Second line: AW[R]R
• Third line: xxxxxx xx
• Fourth line: xxxxyyww
– yyww: Date code with yy = year and ww = week
Fifth line: xxx-yyy
• Sixth line: NXP
The MIMXRT6xxSFVKB VFBGA176 production samples has the following top-side
package marking:
• First line: MRT6xxSFV
• Second line: K[R] xxxx
• Third line: xyyww
• Fourth line: xxxxx
– yyww: Date code with yy = year and ww = week
The MIMXRT6xxSFFOB FOWLP249 production samples has the following top-side
package marking:
• First line: MRT6xxSFFOB
• Second line: xxxxxx
• Third line: xxxxxx
• Fourth line: xxxxxyyww
– yyww: Date code with yy = year and ww = week
Fig 1. VFBGA 176 package marking
Fig 2. WLCSP 114 package marking
Terminal 1 index area
aaa-025721
aaa-015675
Terminal 1
index area


Similar Part No. - MIMXRT685SFFOB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MIMXRT685SFFOB NXP-MIMXRT685SFFOB Datasheet
6Mb / 165P
   Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs
Rev. 1.9-30 December 2021
MIMXRT685SFFOB NXP-MIMXRT685SFFOB Datasheet
6Mb / 167P
   Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
Rev. 2.0-1 April 2022
MIMXRT685SFFOB NXP-MIMXRT685SFFOB Datasheet
5Mb / 171P
   Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
Rev. 2.1 - 7 July 2023
MIMXRT685SFFOB NXP-MIMXRT685SFFOB Datasheet
5Mb / 171P
   Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
Rev. 2.3 - 16 May 2024
More results

Similar Description - MIMXRT685SFFOB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RT600 NXP-RT600_V01 Datasheet
6Mb / 167P
   Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
Rev. 2.0-1 April 2022
RT600 NXP-RT600_V02 Datasheet
5Mb / 171P
   Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
Rev. 2.1 - 7 July 2023
RT600 NXP-RT600 Datasheet
6Mb / 165P
   Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs
Rev. 1.9-30 December 2021
LPC82X NXP-LPC82X_V01 Datasheet
2Mb / 85P
   32-bit ARM® Cortex®-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1.5 - 7 February 2023
LPC86X NXP-LPC86X Datasheet
1Mb / 99P
   32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
Rev. 3 - 28 April 2023
LPC82X PHILIPS-LPC82X_15 Datasheet
1Mb / 81P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1-1 October 2014
LPC553X NXP-LPC553X_V02 Datasheet
10Mb / 165P
   32-bit Arm Cortex®-M33, 128 KB SRAM; 256 KB flash, FlexSPI with cache, USB FS, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, 16-bit 2.0 Msamples/sec ADC, Comparator, 12-bit DAC, OpAmp, FlexPWM Timer, QEI, Temperature Sensor, CRC
Rev. 4.0 - 18 April 2023
LPC553X NXP-LPC553X_V01 Datasheet
3Mb / 163P
   32-bit Arm Cortex®-M33, 128 KB SRAM; 256 KB flash, FlexSPI with cache, USB FS, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, 16-bit 2.0 Msamples/sec ADC, Comparator, 12-bit DAC, OpAmp, FlexPWM Timer, QEI, Temperature Sensor, CRC
Rev. 2.0 - 11 October 2022
LPC54018JXM NXP-LPC54018JXM Datasheet
5Mb / 151P
   32-bit ARM Cortex-M4 microcontroller; 4MB on-chip Quad SPI Serial Flash; 360 kB SRAM; High-speed USB device/host PHY; Full-speed USB device/host; Ethernet AVB; LCD; EMC; SPIFI; CAN FD, SDIO; 12-bit 5 Msamples/s ADC; DMIC subsystem
Rev.1.3-15 September 2020
LPC1788 NXP-LPC1788 Datasheet
1Mb / 117P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 96 kB SRAM; USB Device/Host/OTG
Rev. 2-27 May 2011
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com