Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1603 Datasheet(PDF) 3 Page - EPCOS

Part # B1603
Description  Low-Loss Filter for Digital Television
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1603 Datasheet(HTML) 3 Page - EPCOS

  B1603 Datasheet HTML 1Page - EPCOS B1603 Datasheet HTML 2Page - EPCOS B1603 Datasheet HTML 3Page - EPCOS B1603 Datasheet HTML 4Page - EPCOS B1603 Datasheet HTML 5Page - EPCOS B1603 Datasheet HTML 6Page - EPCOS B1603 Datasheet HTML 7Page - EPCOS B1603 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Mar 28, 2003
SAW Components
B1603
1220,0 MHz
Low-Loss Filter for Digital Television
Data Sheet
Characteristics
Operating temperature range:
T
= -40˚C ... +85˚C
Terminating source impedance:
ZS = 200 Ω
Terminating load impedance:
ZL = 200 Ω
min.
typ.
max.
Center frequency
fc
1220,0
MHz
Maximum insertion attenuation
α
max
1216,00 ...1224,00 MHz
3,5
4,7
5,8
dB
Amplitude ripple in passband (p-p)
∆α
1216,00 ...1224,00 MHz
0,8
1,5
dB
Attenuation
α
500,00 ...fC–91,00 MHz
50,0
60,0
dB
fC–91,00 ...fC–85,00 MHz
50,0
60,0
dB
fC–76,00 ...fC–68,00 MHz
46,0
55,0
dB
fC–88,00 MHz
50,0
60,0
dB
fC–72,00 MHz
48,0
58,0
dB
fC–44,00 MHz
50,0
60,0
dB
fC–36,00 MHz
46,0
52,0
dB
fC+70,00 ...2000,00 MHz
50,0
55,0
dB
Group delay ripple (p-p)
∆τ
Aperture 500 kHz
1216,00 ...1224,00 MHz
—15
ns


Similar Part No. - B1603

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B160 DIODES-B160 Datasheet
57Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
logo
Fuji Electric
B160 FUJI-B160 Datasheet
648Kb / 1P
1 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B160 WEITRON-B160 Datasheet
213Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
B160 BILIN-B160 Datasheet
70Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
B160 VISHAY-B160 Datasheet
111Kb / 5P
Surface Mount Schottky Barrier Rectifier
Revision: 19-May-08
More results

Similar Description - B1603

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86127 ZILOG-Z86127 Datasheet
106Kb / 8P
LOW-COST DIGITAL TELEVISION CONTROLLER (LDTC)
Z90365 ZILOG-Z90365 Datasheet
35Kb / 8P
Digital Television Controller
Z89300 ZILOG-Z89300 Datasheet
86Kb / 8P
DIGITAL TELEVISION CONTROLLER
Z89302 ZILOG-Z89302 Datasheet
74Kb / 8P
Digital Television Controller
logo
EPCOS
B1605 EPCOS-B1605 Datasheet
69Kb / 6P
Low-Loss Filter for Digital Television
B5017 EPCOS-B5017 Datasheet
66Kb / 7P
Low-Loss Filter for WCDMA
B1646 EPCOS-B1646 Datasheet
66Kb / 8P
SAW RF low loss filter Digital radio
B8762 EPCOS-B8762 Datasheet
62Kb / 8P
SAW RF low loss filter Digital radio
logo
Murata Manufacturing Co...
SF2164E MURATA-SF2164E Datasheet
296Kb / 5P
SAW Filter for Digital Television
SF2167E MURATA-SF2167E Datasheet
262Kb / 5P
SAW Filter for Digital Television
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com