Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULN2803AFWG Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # ULN2803AFWG
Description  8ch Darlington Sink Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

ULN2803AFWG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  ULN2803AFWG Datasheet HTML 1Page - Toshiba Semiconductor ULN2803AFWG Datasheet HTML 2Page - Toshiba Semiconductor ULN2803AFWG Datasheet HTML 3Page - Toshiba Semiconductor ULN2803AFWG Datasheet HTML 4Page - Toshiba Semiconductor ULN2803AFWG Datasheet HTML 5Page - Toshiba Semiconductor ULN2803AFWG Datasheet HTML 6Page - Toshiba Semiconductor ULN2803AFWG Datasheet HTML 7Page - Toshiba Semiconductor ULN2803AFWG Datasheet HTML 8Page - Toshiba Semiconductor ULN2803AFWG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ULN2803,04APG/AFWG
2006-02-15
3
Recommended Operating Conditions (Ta = −40~85°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Output sustaining voltage
VCE (SUS)
0
50
V
Tpw = 25 ms, Duty = 10%,
8 Circuits
0
347
APG
Tpw = 25 ms, Duty = 50%,
8 Circuits
0
123
Tpw = 25 ms, Duty = 10%,
8 Circuits
0
268
Output current
AFWG
IOUT
Tpw = 25 ms, Duty = 50%,
8 Circuits
0
90
mA /
ch
Input voltage
VIN
0
30
V
ULN2803A
3.5
30
Input voltage
(Output on)
ULN2804A
VIN (ON)
8
30
V
Clamp diode reverse voltage
VR
50
V
Clamp diode forward current
IF
400
mA
APG
Ta = 85°C
0.76
Power dissipation
AFWG
PD
Ta = 85°C
(Note)
0.48
W
Note:
On Glass Epoxy PCB (75 × 114 × 1.6 mm Cu 20%)


Similar Part No. - ULN2803AFWG

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
ULN2803AFWG TGS-ULN2803AFWG Datasheet
689Kb / 6P
   Octal High Voltage,High Current Darlington Transistor Arrays
More results

Similar Description - ULN2803AFWG

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
ULN2803 ARTSCHIP-ULN2803 Datasheet
343Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62081AP TOSHIBA-TD62081AP Datasheet
366Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62081APG TOSHIBA-TD62081APG Datasheet
271Kb / 13P
   8ch Darlington Sink Driver
logo
IK Semicon Co., Ltd
IK62083 IKSEMICON-IK62083_13 Datasheet
336Kb / 9P
   8CH Darlington Sink Driver
IK62083 IKSEMICON-IK62083 Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
logo
Toshiba Semiconductor
ULN2803AFW TOSHIBA-ULN2803AFW Datasheet
320Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62083AFNG TOSHIBA-TD62083AFNG Datasheet
362Kb / 11P
   8CH DARLINGTON SINK DRIVER
TD62083AFN TOSHIBA-TD62083AFN Datasheet
266Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
KODENSHI_AUK CORP.
S37701 KODENSHI-S37701 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
logo
Toshiba Semiconductor
TD62380P TOSHIBA-TD62380P Datasheet
169Kb / 5P
   8CH LOW SATURATION DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com