Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULN2803AFWG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # ULN2803AFWG
Description  8ch Darlington Sink Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

ULN2803AFWG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  ULN2803AFWG Datasheet HTML 1Page - Toshiba Semiconductor ULN2803AFWG Datasheet HTML 2Page - Toshiba Semiconductor ULN2803AFWG Datasheet HTML 3Page - Toshiba Semiconductor ULN2803AFWG Datasheet HTML 4Page - Toshiba Semiconductor ULN2803AFWG Datasheet HTML 5Page - Toshiba Semiconductor ULN2803AFWG Datasheet HTML 6Page - Toshiba Semiconductor ULN2803AFWG Datasheet HTML 7Page - Toshiba Semiconductor ULN2803AFWG Datasheet HTML 8Page - Toshiba Semiconductor ULN2803AFWG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ULN2803,04APG/AFWG
2006-02-15
4
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Cir−
Cuit
Test Condition
Min
Typ.
Max
Unit
VCE = 50 V
Ta = 25°C
50
Output leakage current
VCE = 50 V
Ta = 85°C
100
ULN2804A
ICEX
1
VCE = 50 V
VIN = 1 V
500
µA
IOUT = 350 mA, IIN = 500 µA
1.3
1.6
IOUT = 200 mA, IIN = 350 µA
1.1
1.3
Collector−emitter saturation voltage
VCE (sat)
2
IOUT = 100 mA, IIN = 250 µA
0.9
1.1
V
ULN2803A
VIN = 3.85 V
0.93
1.35
VIN = 5 V
0.35
0.5
ULN2804A
IIN (ON)
2
VIN = 12 V
1.0
1.45
mA
Input current
IIN (OFF)
4
IOUT = 500 µA, Ta = 85°C
50
65
µA
VCE = 2 V, IOUT = 200 mA
2.4
VCE = 2 V, IOUT = 250 mA
2.7
ULN2803A
VCE = 2 V, IOUT = 300 mA
3.0
VCE = 2 V, IOUT = 125 mA
5.0
VCE = 2 V, IOUT = 200 mA
6.0
VCE = 2 V, IOUT = 275 mA
7.0
Input voltage
(Output on)
ULN2804A
VIN (ON)
5
VCE = 2 V, IOUT = 350 mA
8.0
V
DC current transfer ratio
hFE
2
VCE = 2 V, IOUT = 350 mA
1000
Ta = 25°C
(Note)
50
Clamp diode reverse current
IR
6
Ta = 85°C
(Note)
100
µA
Clamp diode forward voltage
VF
7
IF = 350 mA
2.0
V
Input capacitance
CIN
15
pF
Turn−on delay
tON
RL = 125 Ω, VOUT = 50 V
0.1
Turn−off delay
tOFF
8
RL = 125 Ω, VOUT = 50 V
0.2
µs
Note:
VR = VR MAX.


Similar Part No. - ULN2803AFWG

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
ULN2803AFWG TGS-ULN2803AFWG Datasheet
689Kb / 6P
   Octal High Voltage,High Current Darlington Transistor Arrays
More results

Similar Description - ULN2803AFWG

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
ULN2803 ARTSCHIP-ULN2803 Datasheet
343Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62081AP TOSHIBA-TD62081AP Datasheet
366Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62081APG TOSHIBA-TD62081APG Datasheet
271Kb / 13P
   8ch Darlington Sink Driver
logo
IK Semicon Co., Ltd
IK62083 IKSEMICON-IK62083_13 Datasheet
336Kb / 9P
   8CH Darlington Sink Driver
IK62083 IKSEMICON-IK62083 Datasheet
450Kb / 8P
   8CH Darlington Sink Driver
logo
Toshiba Semiconductor
ULN2803AFW TOSHIBA-ULN2803AFW Datasheet
320Kb / 10P
   8CH DARLINGTON SINK DRIVER
TD62083AFNG TOSHIBA-TD62083AFNG Datasheet
362Kb / 11P
   8CH DARLINGTON SINK DRIVER
TD62083AFN TOSHIBA-TD62083AFN Datasheet
266Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
KODENSHI_AUK CORP.
S37701 KODENSHI-S37701 Datasheet
410Kb / 11P
   8CH Darlington TR Sink Driver
logo
Toshiba Semiconductor
TD62380P TOSHIBA-TD62380P Datasheet
169Kb / 5P
   8CH LOW SATURATION DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com