Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4160 Datasheet(PDF) 1 Page - Heyco.

Part # 4160
Description  Lockit™ Loops
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

4160 Datasheet(HTML) 1 Page - Heyco.

  4160 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7-50
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
“Stay Connected” with
HEYware Products
®
• Barreled ends for greater holding
power.
• Smooth, rounded edges ensure that
Lockit Clips won’t cut into cable’s
insulation–or the installer’s hand.
• Releasable and reusable loops for
easy wire bundling.
• Locking ends twist into place with
fingertip pressure.
• Part Description Key: LL XXX, where
XXX = Maximum Bundle Diameter
(inches).
HEYClip
™ Lockit™ Loops
Standard Loops
Material
Nylon 6/6
Flammability Rating
94V-2
Temperature Range
32°F (0°C) to 185°F (85°C)
• Part Description Key (part numbers
4155 thru 4172 only): PMLL XX-YY,
where XX = Maximum Bundle
Diameter (inches) and YY = Height
Above Panel (inches).
MAXIMUM BUNDLE
PART
DESCRIPTION
OVERALL
DIAMETER
NO.
HEIGHT
Natural
C
in.
mm.
in.
mm.
LL Series
.25
6,4
3793
LL 250
.84
21,2
.38
9,5
3795
LL 375
1.02
25,9
.50
12,7
3797
LL 500
1.20
30,4
.75
19,1
3799
LL 750
1.45
36,8
Standard color natural.
C
A
C
Standoff Loops - Arrowhead Mount
Quick
Specs
MAXIMUM BUNDLE
PART
DESCRIPTION
SPACER
OVERALL LENGTH
MOUNTING HOLE
DIAMETER
NO.
HEIGHT
ABOVE PANEL
Natural
AC
in.
mm.
in.
mm.
in.
mm.
in.
mm.
PMLL Series For Panels from .03˝ (0,8 mm) - .08˝ (2,0 mm) thick
14155M
PMLL 28-16-1
.16
4,0
.91
23,1
14155
PMLL 28-19-1
.19
4,8
.94
23,9
.28
7,0
14156
PMLL 28-50-1
.50
12,7
1.25
31,8
.156
4,0
14157
PMLL 28-75-1
.75
19,1
1.50
38,2
14158
PMLL 28-100-1
1.00
25,4
1.75
44,5
4155M
PMLL 28-16
.16
4,0
.91
23,1
4155
PMLL 28-19
.19
4,8
.94
23,9
.28
7,0
4156
PMLL 28-50
.50
12,7
1.25
31,8
4157
PMLL 28-75
.75
19,1
1.50
38,2
4158
PMLL 28-100
1.00
25,4
1.75
44,5
4160
PMLL 39-19
.19
4,8
1.10
27,9
.39
10,0
4161
PMLL 39-50
.50
12,7
1.41
35,8
4162
PMLL 39-75
.75
19,1
1.66
42,2
4163
PMLL 39-100
1.00
25,4
1.91
48,5
.236
6,0
4165
PMLL 50-19
.19
4,8
1.28
32,5
.50
12,5
4166
PMLL 50-50
.50
12,7
1.59
40,4
4167
PMLL 50-75
.75
19,1
1.84
46,8
4168
PMLL 50-100
1.00
25,4
2.09
53,1
4170M
PMLL 59-16
.16
4,0
1.44
36,5
4170
PMLL 59-19
.19
4,8
1.47
37,2
.59
15,0
4171
PMLL 59-50
.50
12,7
1.78
45,2
4172
PMLL 59-75
.75
19,1
2.03
51,6
4173
PMLL 59-100
1.00
25,4
2.28
57,9
For Panels up to .09˝ (2,4 mm) thick
.25
6,4
3778
PMLL 250
.14
3,6
.93
23,6
.38
9,5
3779
PMLL 375
.14
3,6
1.11
28,2
.185
4,7
.50
12,7
3780
PMLL 500
.14
3,6
1.26
32,0
.75
19,1
3782
PMLL 750
.14
3,6
1.55
39,4
For Panels up to .06˝ (1,5 mm) thick
1.00
25,4
3796
PMLL 1000
.14
3,6
2.22
56,4
.250
6,4
Standard color natural.
NEW!
NEW!
NEW!
NEW!
NEW!
NEW!
NEW!


Similar Part No. - 4160

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4160 POMONA-4160 Datasheet
24Kb / 1P
   Connector, BNC (Female), Bulkhead
logo
List of Unclassifed Man...
416016440-3 ETC2-416016440-3 Datasheet
1Mb / 3P
   Single Channel HD-SDI Adapter
416016711-3 ETC2-416016711-3 Datasheet
9Mb / 2P
   HD-SDI to HDMI adaptor board - KIT 70600
logo
Digital View Ltd
416017100-3 DIGITALVIEW-416017100-3 Datasheet
658Kb / 2P
   Audio 5W Add-on Board
logo
List of Unclassifed Man...
416040010-3 ETC2-416040010-3 Datasheet
752Kb / 3P
   HD LCD Controller Board
More results

Similar Description - 4160

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
10012-30 ANAREN-10012-30 Datasheet
231Kb / 3P
   Leveling Loops
logo
Heyco.
1853 HEYCO-1853 Datasheet
159Kb / 1P
   Heyco® RDD Lockit™ Strain Relief Bushings – Straight-Thru
logo
Anaren Microwave
10012-6 ANAREN-10012-6 Datasheet
791Kb / 3P
   Leveling Loops
10012-10 ANAREN-10012-10 Datasheet
325Kb / 3P
   Leveling Loops
logo
Abracon Corporation
ASG-P ABRACON-ASG-P Datasheet
2Mb / 5P
   Phase Locked Loops
04.27.12
logo
STMicroelectronics
AN1623 STMICROELECTRONICS-AN1623 Datasheet
78Kb / 6P
   REGULATION LOOPS PRECISION CALCULATION
logo
List of Unclassifed Man...
1847 ETC-1847 Datasheet
132Kb / 1P
   Heyco짰 ST Lockit??Strain Relief Bushings
logo
Texas Instruments
TP3401 TI1-TP3401_12 Datasheet
233Kb / 17P
[Old version datasheet]   DASL Digital Adapter for Subscriber Loops
logo
National Semiconductor ...
TP3406 NSC-TP3406 Datasheet
234Kb / 16P
   DASL Digital Adapter for Subscriber Loops
logo
Analog Devices
MT-086 AD-MT-086 Datasheet
413Kb / 10P
   Fundamentals of Phase Locked Loops (PLLs)
Rev.0, 10/08, WK
logo
National Semiconductor ...
TP3401 NSC-TP3401 Datasheet
249Kb / 16P
   DASL Digital Adapter for Subscriber Loops
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com