Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2266 Datasheet(PDF) 1 Page - Heyco.

Part # 2266
Description  Armor Bushings
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

2266 Datasheet(HTML) 1 Page - Heyco.

  2266 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“Stay Connected” with
Bushings, Grommets, HEYcaps & Plugs
®
6-15
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Quick
Specs
Heyco® Armor Bushings
WILL FIT THESE
PART NO.
DESCRIPTION
PART DIMENSIONS
ARMORED CABLES
AB
C
(AWG/CONDUCTORS)
Red
Inside
Head
Overall
Diameter
Diameter
Height
in.
mm.
in.
mm.
in.
mm.
14/2, 14/3, 12/2, 12/3
2264
AB 0
.37
9,4
.68
17,3
.58
14,7
14/4, 6/1, 4/1
2265
AB 1
.44
11,2
.70
17,8
.63
16,0
12/4, 10/2, 10/3, 2/1
2266
AB 2
.57
14,0
.85
21,6
.61
15,5
2281
AB Orange*
.58
14,7
.90
22,9
.50
12,7
10/4, 8/2, 8/3, 1/1
2267
AB 3
.73
18,5
1.02
25,9
.70
17,8
Standard color red except as noted.
*This part is not UL or CSA certified.
• Use with Flexible Armored Cable (BX)
and Flexible Metallic Conduit (FMC),
to insulate rough cut conduit ends.
• Chamfered lead-in allows for fast
installation.
• Suitable for installation at temperatures
up to 194°F (90°C) and as low as
-40°F (-40°C).
• Size-marked for easy identification.
B
C
A
RETAINER TAB
2264/2265
2266/2267
Material
High Dielectric Polyethylene
Temperature Range
-40°F (-40°C) to 194°F (90°C)
C
A
RETAINER
TAB
B


Similar Part No. - 2266

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
22660001 HUBERSUHNER-22660001 Datasheet
319Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Right angle cable plug (male)
22660002 HUBERSUHNER-22660002 Datasheet
319Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Right angle cable plug (male)
22660003 HUBERSUHNER-22660003 Datasheet
320Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Right angle cable plug (male)
22660010 HUBERSUHNER-22660010 Datasheet
194Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Right angle cable plug (male)
22660066 HUBERSUHNER-22660066 Datasheet
59Kb / 1P
PROTECTIV CAP, N, jack (female)
More results

Similar Description - 2266

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
774 ETC2-774 Datasheet
362Kb / 1P
GROMMETS , BUSHINGS
561-MP2L10 ETC2-561-MP2L10 Datasheet
221Kb / 3P
Strain Relief Bushings
logo
Richco, Inc.
PGSB-24 RICHCO-PGSB-24 Datasheet
137Kb / 1P
SNAP BUSHINGS CLOSED
logo
List of Unclassifed Man...
MP13-302792 ETC2-MP13-302792 Datasheet
220Kb / 3P
Strain Relief Bushings
SB-19 ETC2-SB-19 Datasheet
121Kb / 1P
Snap Fit Bushings
561-MP2502 ETC2-561-MP2502 Datasheet
293Kb / 2P
STANDARD INSULATING BUSHINGS
logo
Honeywell Accelerometer...
73JB10K HONEYWELL-ACC-73JB10K Datasheet
87Kb / 3P
Plastic shaft and bushings
logo
List of Unclassifed Man...
561-AF625 ETC2-561-AF625 Datasheet
244Kb / 2P
ALL-FIT ADJUSTABLE BUSHINGS
8478 ETC2-8478 Datasheet
320Kb / 1P
HOLE PLUGS and BUSHINGS
1814 ETC-1814 Datasheet
137Kb / 1P
Heyco짰 Original Strain Relief Bushings
1240 ETC-1240 Datasheet
105Kb / 1P
Heyco짰 Original Strain Relief Bushings
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com