Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2612011022000 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 2612011022000
Description  WIRL-NFW2 Ophelia-I radio module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

2612011022000 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  2612011022000 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 2612011022000 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 2612011022000 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 2612011022000 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 2612011022000 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 2612011022000 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 2612011022000 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Dimensions: [mm]
1
6
B4
7
10
11
15
B1
9,0
9,0 ±0,2
6,0
4,8
1,2
0,7
q
Scale - 4:1
Recommended Land Pattern: [mm]
1
6
B1
7
10
11
15
B4
6,0
1,2
4,8
1,2
0,7
q
no metal area
1,2
0,7
3,5
12,5
Scale - 4:1
Product Specific Pinning:
VDD
GND
P0.14
P0.04 / AIN2
P0.05 / AIN3
1
6
B1
7
10
11
15
B4
GND
Scale - 4:1
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
LuSe
001.000
2021-11-08
DIN ISO 2768-1m
DESCRIPTION
WIRL-NFW2 Ophelia-I radio
module
ORDER CODE
2612011022000
BUSINESS UNIT
STATUS
PAGE
eiSmart
Valid
1/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 2612011022000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
2612011024000 WURTH-2612011024000 Datasheet
812Kb / 7P
   WIRL-BTLE Proteus-e Bluetooth 5.1 module
001.000
More results

Similar Description - 2612011022000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
2609031181000 WURTH-2609031181000 Datasheet
429Kb / 6P
   WIRL-PRO8 Radio module 868MHz
004.000
2611011021000 WURTH-2611011021000 Datasheet
458Kb / 6P
   WIRL-PRO2 Thyone-I radio module 2.4GHz T&R
001.000
2609041191000 WURTH-2609041191000 Datasheet
429Kb / 6P
   WIRL-PRO9 Themisto-I Radio module 915MHz 25dBm T&R
002.000
2606031121000 WURTH-2606031121000 Datasheet
451Kb / 6P
   WIRL-PRO2 Radio module 2.4 GHz with RF pad
001.012
2611011021010 WURTH-2611011021010 Datasheet
633Kb / 7P
   WIRL-PRO2 Thetis-I Wirepas?줞esh module 2.4GHz T&R
001.000
2611011024020 WURTH-2611011024020 Datasheet
786Kb / 7P
   WIRL-COMB Setebos-I Combined Proprietary 2.4GHz & BTLE module T&R
002.000
2610011025000 WURTH-2610011025000 Datasheet
573Kb / 6P
   WIRL-WIFS Calypso WIFI module T&R
001.023
logo
NXP Semiconductors
FM1246 PHILIPS-FM1246 Datasheet
177Kb / 24P
   Desktop video & FM radio module system CCIR I
1997 May 14
logo
List of Unclassifed Man...
PTM230 ETC2-PTM230 Datasheet
118Kb / 1P
   Radio transmitter module
W7020 ETC1-W7020 Datasheet
324Kb / 36P
   Bluetooth Radio Module
logo
NXP Semiconductors
BGB110 PHILIPS-BGB110 Datasheet
141Kb / 17P
   Bluetooth radio module
2000 Oct 03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com