Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2900 Datasheet(PDF) 15 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM2900
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM2900 Datasheet(HTML) 15 Page - Burr-Brown (TI)

Back Button PCM2900_07 Datasheet HTML 11Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 12Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 13Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 14Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 15Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 16Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 17Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 18Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 19Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
PCM2900
PCM2902
SLES035C − MARCH 2002 − REVISED MARCH 2007
www.ti.com
15
SUPPLY CURRENT
20
30
40
50
60
70
4.00
4.25
4.50
4.75
5.00
5.25
5.50
VBUS − Supply Voltage − V
OPERATIONAL and SUSPEND
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
Operational
Suspend
0.30
0.28
0.22
0.20
0.26
0.24
Figure 13
Figure 14
20
30
40
50
60
70
30
35
40
45
50
fS − Sampling Frequency − kHz
OPERATIONAL SUPPLY CURRENT
vs
SAMPLING FREQUENCY
ADC and DAC
Figure 15
0.10
0.15
0.20
0.25
0.30
0.35
0.40
−40
−20
0
20
40
60
80
100
TA − Free-Air Temperature − °C
SUSPEND SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
USB Spec Limit for Device (0.3 mA)
All specifications at TA = 25°C, VBUS = 5 V, fS = 44.1 kHz, fin = 1 kHz, 16-bit data, using REG 103xA-A, unless otherwise noted.


Similar Part No. - PCM2900_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
More results

Similar Description - PCM2900_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com