Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2900 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM2900
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM2900 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  PCM2900_07 Datasheet HTML 1Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 2Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 3Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 4Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 5Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 6Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 7Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 8Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
PCM2900
PCM2902
SLES035C − MARCH 2002 − REVISED MARCH 2007
www.ti.com
5
ELECTRICAL CHARACTERISTICS
all specifications at TA = 25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless otherwise noted
PARAMETER
TEST CONDITIONS
PCM2900E, PCM2902E
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC Accuracy
Gain mismatch channel-to-channel
±1
±5 %of FSR
Gain error
±2
±10 % of FSR
Bipolar zero error
±2
% of FSR
Dynamic Performance(1)
THD+N
Total harmonic distortion plus noise
VOUT = 0 dB
0.005%
0.016%
THD+N
Total harmonic distortion plus noise
VOUT = –60 dB
3%
Dynamic range
EIAJ, A-weighted
87
93
dB
SNR
Signal-to-noise ratio
EIAJ, A-weighted
90
96
dB
Channel separation
86
92
dB
Analog Output
VO
Output voltage
0.6
VCCCI
Vp−p
Center voltage
0.5
VCCCI
V
Load impedance
AC coupling
10
k
LPF frequency response
–3 dB
250
kHz
LPF frequency response
f = 20 kHz
–0.03
dB
Digital filter performance
Pass band
0.445 fS
Hz
Stop band
0.555
fS
Hz
Pass-band ripple
±0.1
dB
Stop-band attenuation
–43
dB
td
Delay time
14.3 fS
s
Power Supply Requirements
VBUS
Voltage range
4.35
5
5.25
VDC
Supply current
ADC, DAC operation
56
67
mA
Supply current
Suspend mode(2)
210
µA
PD
Power dissipation
ADC, DAC operation
280
352
mW
PD
Power dissipation
Suspend mode(2)
1.05
mW
Internal power supply voltage
VCCCI, VCCP1I,
VCCP2I, VCCXI, and VDDI
3.25
3.35
3.5
VDC
Temperature Range
Operation temperature
–25
85
_C
θJA
Thermal resistance
28-pin SSOP
100
°C/W
(1) fOUT = 1 kHz, using Audio Precision System II, RMS mode with 20-kHz LPF, 400-Hz HPF.
(2) Under USB suspend state


Similar Part No. - PCM2900_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
More results

Similar Description - PCM2900_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com