Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2900 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM2900
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM2900 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  PCM2900_07 Datasheet HTML 1Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 2Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 3Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 4Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 5Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 6Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 7Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 8Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
PCM2900
PCM2902
SLES035C − MARCH 2002 − REVISED MARCH 2007
www.ti.com
3
ELECTRICAL CHARACTERISTICS
all specifications at TA = 25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless otherwise noted
PARAMETER
TEST CONDITIONS
PCM2900E, PCM2902E
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Input/Output
Host interface
Apply USB Revision 1.1,
full speed
Audio data format
USB isochronous data format
Input Logic
D+, D−
2
3.3
VIH
High-level input voltage
XTI, HID0, HID1, and HID2
2.52
3.3
VDC
VIH
High-level input voltage
SEL0, SEL1
2
5.25
VDC
DIN, PCM2902
2.52
5.25
D+, D−
0.8
VIL
Low-level input voltage
XTI, HID0, HID1, and HID2
0.9
VDC
VIL
Low-level input voltage
SEL0, SEL1
0.8
VDC
DIN, PCM2902
0.9
D+, D−, XTI, SEL0, SEL1
VIN = 3.3 V
±10
IIH
High-level input current
HID0, HID1, and HID2
VIN = 3.3 V
50
80
µA
IIH
High-level input current
DIN, PCM2902
VIN = 3.3 V
65
100
µA
D+, D−, XTI, SEL0, SEL1
VIN = 0 V
±10
IIL
Low-level input current
HID0, HID1, and HID2
VIN = 0 V
±10
µA
IIL
Low-level input current
DIN, PCM2902
VIN = 0 V
±10
µA
Output Logic
D+, D−
2.8
VOH
High-level output voltage
DOUT, PCM2902
IOH = –4 mA
2.8
VDC
VOH
High-level output voltage
SSPND
IOH = –2 mA
2.8
VDC
D+, D−
0.3
VOL
Low-level output voltage
DOUT, PCM2902
IOL = 4 mA
0.5
VDC
VOL
Low-level output voltage
SSPND
IOL = 2 mA
0.5
VDC
Clock Frequency
Input clock frequency, XTI
11.994
12
12.006
MHz
ADC Characteristics
Resolution
8, 16
bits
Audio data channel
1, 2
channel


Similar Part No. - PCM2900_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
More results

Similar Description - PCM2900_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com