Electronic Components Datasheet Search |
|
PCM2900 Datasheet(PDF) 24 Page - Burr-Brown (TI) |
|
|
|
PCM2900 Datasheet(HTML) 24 Page - Burr-Brown (TI) |
24 / 33 page PCM2900 PCM2902 SLES035C − MARCH 2002 − REVISED MARCH 2007 www.ti.com 24 Copyright Management (PCM2902) Isochronous-in data is affected by the serial copy management system (SCMS). Where receiving digital audio data that is indicated as original data in the control bit, input digital audio data transfers to the host. If the data is indicated as first generation or higher, transferred data is selected to analog input. Digital audio data output is always encoded as original with SCMS control. The implementation of this feature is an option for the customer. Note that it is the user’s responsibility whether they implement this feature in their product or not. INTERFACE SEQUENCE Power On, Attach, and Playback Sequence The PCM2900/2902 is ready for setup when the reset sequence has finished and the USB bus is attached. After connection has been established by setup, the PCM2900/2902 is ready to accept USB audio data. While waiting, the audio data (idle state) and analog output are set to bipolar zero (BPZ). When receiving the audio data, the PCM2900/2902 stores the first audio packet, which contained 1-ms audio data, into the internal storage buffer. The PCM2900/2902 starts playing the audio data when detecting the following start of frame (SOF) packet. D+/D− 2.5 V (Typ.) 0 V Internal Reset Ready for Setup SOF Ready for Playback Bus Reset Set Configuration SOF SOF BPZ Bus Idle 5 V (Typ.) 1st Audio Data 2nd Audio Data VBUS (Pin 3) SSPND VOUTL VOUTR 700 µs Device Setup 1 ms Figure 32. Initial Sequence Play, Stop, and Detach Sequence When the host finishes or aborts the playback, the PCM2900/2902 stops playing after the last audio data has played. Record Sequence The PCM2900/2902 starts the audio capture into the internal memory after receiving the SET_INTERFACE command. |
Similar Part No. - PCM2900_07 |
|
Similar Description - PCM2900_07 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |