Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2900 Datasheet(PDF) 21 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM2900
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM2900 Datasheet(HTML) 21 Page - Burr-Brown (TI)

Back Button PCM2900_07 Datasheet HTML 17Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 18Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 19Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 20Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 21Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 22Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 23Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 24Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 25Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
PCM2900
PCM2902
SLES035C − MARCH 2002 − REVISED MARCH 2007
www.ti.com
21
Analog Out
Analog In
Default
End-Point
End-Point #2
(IF #1)
Audio Streaming
Interface
End-Point #0
End-Point #4
(IF #2)
Audio Streaming
Interface
End-Point #5
(IF #3)
HID Interface
IT
TID1
FU
UID3
OT
TID5
OT
TID2
IT
TID4
Standard Audio Control Interface (IF #0)
PCM2900/2902
Figure 31. USB Audio Function Topology
Interface #0
Interface #0 is defined as the control interface. Alternative setting #0 is the only possible setting for interface
#0. Alternative setting #0 describes the standard audio control interface. A terminal constructs the audio control
interface. The PCM2900/2902 has five terminals as follows:
D Input terminal (IT #1) for isochronous-out stream
D Output terminal (OT #2) for audio analog output
D Feature unit (FU #3) for DAC digital attenuator
D Input terminal (IT #4) for audio analog input
D Output terminal (OT #5) for isochronous-in stream
Input terminal #1 is defined as USB stream (terminal type 0x0101). Input terminal #1 can accept 2-channel audio
streams constructed by left and right channels. Output terminal #2 is defined as a speaker (terminal type
0x0301). Input terminal #4 is defined as a microphone (terminal type 0x0201). Output terminal #5 is defined
as a USB stream (terminal type 0x0101). Output terminal #5 can generate 2-channel audio streams constructed
by left and right channels. Feature unit #3 supports the following sound control features.
D Volume control
D Mute control
The built-in digital volume controller can be manipulated by an audio class specific request from 0 dB to –64 dB
in 1-dB steps. Changes are made by incrementing or decrementing by one step (1 dB) for every 1/fS time interval
until the volume level has reached the requested value. Each channel can be set for different values. The master


Similar Part No. - PCM2900_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
More results

Similar Description - PCM2900_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
[Old version datasheet]   Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com