Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2900 Datasheet(PDF) 20 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM2900
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM2900 Datasheet(HTML) 20 Page - Burr-Brown (TI)

Back Button PCM2900_07 Datasheet HTML 16Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 17Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 18Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 19Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 20Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 21Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 22Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 23Page - Burr-Brown (TI) PCM2900_07 Datasheet HTML 24Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
PCM2900
PCM2902
SLES035C − MARCH 2002 − REVISED MARCH 2007
www.ti.com
20
USB INTERFACE
Control data and audio data are transferred to the PCM2900/2902 via D+ (pin 1) and D– (pin 2). All data to/from
the PCM2900/2902 is transferred at full speed. The device descriptor contains the information described in
Table 1. The device descriptor can be modified on request; contact a Texas Instruments representative for
details.
Table 1. Device Descriptor
USB revision
1.1 compliant
Device class
0x00 (device defined interface level)
Device sub class
0x00 (not specified)
Device protocol
0x00 (not specified)
Max packet size for end-point 0
8 byte
Vendor ID
0x08BB (default value, can be modified)
Product ID
0x2900 / 0x2902 (default value, can be modified)
Device release number
1.0 (0x0100)
Number of configurations
1
Vendor strings
String #1 (see Table 3)
Product strings
String #2 (see Table 3)
Serial number
Not supported
The configuration descriptor contains the information described in Table 2. The configuration descriptor can be
modified on request; contact a Texas Instruments representative for details.
Table 2. Configuration Descriptor
Interface
Four interfaces
Power attribute
0x80 (Bus powered, no remote wakeup)
Max power
0x32 (100 mA. Default value, can be modified)
The string descriptor contains the information described in Table 3. The string descriptor can be modified on
request; contact a Texas Instruments representative for details.
Table 3. String Descriptor
#0
0x0409
#1
Burr-Brown from TI (default value, can be modified)
#2
USB audio codec (default value, can be modified)
DEVICE CONFIGURATION
Figure 31 illustrates the USB audio function topology. The PCM2900/2902 has four interfaces. Each interface
is constructed by alternative settings.


Similar Part No. - PCM2900_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
More results

Similar Description - PCM2900_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com