Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC2230-E02 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # SCC2230-E02
Description  Gyro Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SCC2230-E02 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  SCC2230-E02 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd SCC2230-E02 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Search Data Sheet
SCC2230-E02
Note: This datasheet may be out of date.
Please download the latest datasheet of SCC2230-E02 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=SCC2230-E02
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated02/15/2024
Specifications
Output Type
SPI
Supply Voltage
3.0V-3.6V
Axis
3 / 1(Z)
Maximum Range
+/-2g,+/-125dps
Sensitivity
5886 LSB/g or 0.010 deg/LSB,
50 LSB/dps
Offset Temp. Characteristc
+/-10mg,+/-0.8dps
Amplitude Response
10/60Hz,10/60Hz
2 of 2


Similar Part No. - SCC2230-E02

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCC2230-E02 MURATA-SCC2230-E02 Datasheet
172Kb / 2P
Maximum Range
More results

Similar Description - SCC2230-E02

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IXZ-500 TDK-IXZ-500 Datasheet
589Kb / 26P
Dual-Axis Gyro
logo
Epson ToYoCom
XV4001BC EPSONTOYOCOM-XV4001BC Datasheet
282Kb / 1P
GYRO Sensor (Digital Output)
XV7001BB EPSONTOYOCOM-XV7001BB Datasheet
534Kb / 2P
GYRO Sensor (Digital Output)
XV7021BB EPSONTOYOCOM-XV7021BB Datasheet
565Kb / 2P
GYRO Sensor (Digital Output)
XV-9100CD EPSONTOYOCOM-XV-9100CD Datasheet
257Kb / 1P
GYRO Sensor for Automotive
XV-9100LV EPSONTOYOCOM-XV-9100LV Datasheet
255Kb / 1P
GYRO Sensor for Automotive
XV-9300CD EPSONTOYOCOM-XV-9300CD Datasheet
539Kb / 2P
GYRO Sensor for Automotive
logo
Epson Company
XV-3500CB EPSON-XV-3500CB Datasheet
860Kb / 2P
GYRO SENSOR
XV4001BC EPSON-XV4001BC Datasheet
960Kb / 2P
GYRO SENSOR (Digital Output)
XV7011BB EPSON-XV7011BB Datasheet
291Kb / 2P
GYRO SENSOR (Digital Output)
XV-9100LV EPSON-XV-9100LV Datasheet
931Kb / 2P
GYRO SENSOR FOR AUTOMOTIVE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com