Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR1N60APBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRFR1N60APBF
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR1N60APBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRFR1N60APBF Datasheet HTML 2Page - International Rectifier IRFR1N60APBF Datasheet HTML 3Page - International Rectifier IRFR1N60APBF Datasheet HTML 4Page - International Rectifier IRFR1N60APBF Datasheet HTML 5Page - International Rectifier IRFR1N60APBF Datasheet HTML 6Page - International Rectifier IRFR1N60APBF Datasheet HTML 7Page - International Rectifier IRFR1N60APBF Datasheet HTML 8Page - International Rectifier IRFR1N60APBF Datasheet HTML 9Page - International Rectifier IRFR1N60APBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRFR/U1N60APbF
www.irf.com
9
I-Pak (TO-251AA) Package Outline (Dimensions are shown in millimeters (inches) )
I-Pak (TO-251AA) Part Marking Information
ASS EMBLY
EXAMPLE :
WITH ASS EMBLY
T HIS IS AN IRF U120
YE AR 9 = 1999
DATE CODE
LINE A
WE EK 19
IN THE AS SEMBLY LINE "A"
AS SE MB LE D ON WW 19, 1999
LOT CODE 5678
PART NUMBER
56
IRFU120
INT ERNAT IONAL
LOGO
RE CT IFIER
LOT CODE
919A
78
Note: "P" in as s embly line
pos ition indicates "Lead-Free"
OR
56
78
AS SEMBLY
LOT CODE
RECT IFIER
LOGO
INT ERNAT IONAL
IRF U120
PART NUMBER
WEEK 19
DAT E CODE
YEAR 9 = 1999
A = ASS EMB LY SIT E CODE
P = DES IGNAT ES LEAD-FREE
PRODUCT (OPT IONAL)


Similar Part No. - IRFR1N60APBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFR1N60APBF VISHAY-IRFR1N60APBF Datasheet
156Kb / 8P
   Power MOSFET
S-81367-Rev. A, 21-Jul-08
IRFR1N60APBF VISHAY-IRFR1N60APBF Datasheet
270Kb / 13P
   Power MOSFET
Rev. E, 17-May-2021
IRFR1N60APBF-BE3AB VISHAY-IRFR1N60APBF-BE3AB Datasheet
270Kb / 13P
   Power MOSFET
Rev. E, 17-May-2021
More results

Similar Description - IRFR1N60APBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com