Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ574Z Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AZ574Z
Description  33V HIGH PRECISE VOLTAGE REFERENCE AZ574
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ574Z Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AZ574Z Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ574Z Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information Example
Detailed information please refer to the relevant datasheet.
Package
Temperature Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
TO-92-2
-20 to 75oC
AZ574Z
AZ574Z-E1
AZ574Z
AZ574Z-E1
Bulk
AZ574ZTR
AZ574ZTR-E1
AZ574Z
AZ574Z-E1
Ammo
Product Brief
33V HIGH PRECISE VOLTAGE REFERENCE
AZ574
Apr. 2007
BCD Semiconductor Manufacturing Limited
USA
30920 Huntwood Ave.Hayward, CA 94544,
USA
Tel : +1-510-324-2988
Fax : +1-510-324-2788
Taiwan
4F, 298-1 Rui Guang Road, Nei-Hu District, Taipei,
Taiwan
Tel : 886-2-2656-2808
Fax : 886-2-2656-2806
Shanghai
8F, B Zone, 900 Yi Shan Road, Shanghai 200233,
China
Tel : 86-21-6495 9539
Fax : 86-21-6485 9673
Shenzhen
Room E, 5F, Noble Center, No.1006, 3rd Fuzhong Road, Futian
District, Shenzhen 518026, China
Tel : 86-755-8826 7951
Fax : 86-755-8826 7865
Sales Office:


Similar Part No. - AZ574Z

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ574Z BCDSEMI-AZ574Z Datasheet
109Kb / 2P
   33V HIGH PRECISE VOLTAGE REFERENCE
AZ574Z BCDSEMI-AZ574Z Datasheet
108Kb / 9P
   33V HIGH PRECISE VOLTAGE REFERENCE
AZ574Z-E1 BCDSEMI-AZ574Z-E1 Datasheet
109Kb / 2P
   33V HIGH PRECISE VOLTAGE REFERENCE
AZ574Z-E1 BCDSEMI-AZ574Z-E1 Datasheet
108Kb / 9P
   33V HIGH PRECISE VOLTAGE REFERENCE
AZ574ZTR BCDSEMI-AZ574ZTR Datasheet
109Kb / 2P
   33V HIGH PRECISE VOLTAGE REFERENCE
More results

Similar Description - AZ574Z

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ574 BCDSEMI-AZ574 Datasheet
109Kb / 2P
   33V HIGH PRECISE VOLTAGE REFERENCE
AZ574 BCDSEMI-AZ574_07 Datasheet
108Kb / 9P
   33V HIGH PRECISE VOLTAGE REFERENCE
logo
Leshan Radio Company
LTL432ATLT1G LRC-LTL432ATLT1G Datasheet
630Kb / 11P
   Precise Reference Voltage to 1.24V
logo
Unisonic Technologies
CW574 UTC-CW574_11 Datasheet
116Kb / 3P
   33V COLOR TV VOLTAGE REGULATOR
CW574 UTC-CW574_07 Datasheet
106Kb / 3P
   33V COLOR TV VOLTAGE REGULATOR
CW574 UTC-CW574_15 Datasheet
116Kb / 3P
   33V COLOR TV VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE507A ACE-ACE507A Datasheet
302Kb / 9P
   Precise Low Dropout Voltage Regulator
VER 1.6
logo
ON Semiconductor
NCP5230MNTWG ONSEMI-NCP5230MNTWG Datasheet
158Kb / 12P
   Precise Low Voltage Synchronous Buck
January, 2013 ??Rev. 1
logo
Analog Devices
AD588 AD-AD588 Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
logo
Texas Instruments
REF6225 TI1-REF6225 Datasheet
1Mb / 35P
[Old version datasheet]   High-Precision Voltage Reference
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com