Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ574Z Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ574Z
Description  33V HIGH PRECISE VOLTAGE REFERENCE AZ574
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ574Z Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ574Z Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ574Z Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
The AZ574 is a monolithic integrated voltage stabilizer
especially designed for TV tuners.
The AZ574 is available in TO-92-2 package.
Features
·
Low Temperature Coefficient
·
Low Dynamic Impedance
·
Typical Reference Voltage of 33V
·
High Cathode Current Capacity up to 30mA
Applications
·
TV Tuners
Benefits
·
Easier to Stabilize
·
Ultra Low Temperature Coefficient
·
Higher VREF Accuracy
·
Wider Operating Temperature Range
·
Very Competitive Price
Parametric Table
VKA (Typ) (V)
33
IKA (Max) (mA)
40
IKA (Min) (mA)
1.5
Dynamic Impedance (Typ) ()5
Cathode Voltage
Temperature Drift (Typ) (mV/oC)
0.6
Operating Temperature (Min) (oC)
-20
Operating Temperature (Max) (oC)
75
Additional Available Materials
·
Samples
·
Data Sheet
·
Reliability Report
·
ESD Report
TO-92-2
Pin Configuration
Apr. 2007
BCD Semiconductor Manufacturing Limited
Product Brief
33V HIGH PRECISE VOLTAGE REFERENCE
AZ574
ANODE
1
2
CATHODE


Similar Part No. - AZ574Z

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ574Z BCDSEMI-AZ574Z Datasheet
109Kb / 2P
   33V HIGH PRECISE VOLTAGE REFERENCE
AZ574Z BCDSEMI-AZ574Z Datasheet
108Kb / 9P
   33V HIGH PRECISE VOLTAGE REFERENCE
AZ574Z-E1 BCDSEMI-AZ574Z-E1 Datasheet
109Kb / 2P
   33V HIGH PRECISE VOLTAGE REFERENCE
AZ574Z-E1 BCDSEMI-AZ574Z-E1 Datasheet
108Kb / 9P
   33V HIGH PRECISE VOLTAGE REFERENCE
AZ574ZTR BCDSEMI-AZ574ZTR Datasheet
109Kb / 2P
   33V HIGH PRECISE VOLTAGE REFERENCE
More results

Similar Description - AZ574Z

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ574 BCDSEMI-AZ574 Datasheet
109Kb / 2P
   33V HIGH PRECISE VOLTAGE REFERENCE
AZ574 BCDSEMI-AZ574_07 Datasheet
108Kb / 9P
   33V HIGH PRECISE VOLTAGE REFERENCE
logo
Leshan Radio Company
LTL432ATLT1G LRC-LTL432ATLT1G Datasheet
630Kb / 11P
   Precise Reference Voltage to 1.24V
logo
Unisonic Technologies
CW574 UTC-CW574_11 Datasheet
116Kb / 3P
   33V COLOR TV VOLTAGE REGULATOR
CW574 UTC-CW574_07 Datasheet
106Kb / 3P
   33V COLOR TV VOLTAGE REGULATOR
CW574 UTC-CW574_15 Datasheet
116Kb / 3P
   33V COLOR TV VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE507A ACE-ACE507A Datasheet
302Kb / 9P
   Precise Low Dropout Voltage Regulator
VER 1.6
logo
ON Semiconductor
NCP5230MNTWG ONSEMI-NCP5230MNTWG Datasheet
158Kb / 12P
   Precise Low Voltage Synchronous Buck
January, 2013 ??Rev. 1
logo
Analog Devices
AD588 AD-AD588 Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
logo
Texas Instruments
REF6225 TI1-REF6225 Datasheet
1Mb / 35P
[Old version datasheet]   High-Precision Voltage Reference
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com