Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2612011024000 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 2612011024000
Description  WIRL-BTLE Proteus-e Bluetooth 5.1 module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

2612011024000 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  2612011024000 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 2612011024000 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 2612011024000 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 2612011024000 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 2612011024000 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 2612011024000 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 2612011024000 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Packaging Specification - Tape: [mm]
End
Feeding direction
Start
Cover Tape
T
K0
T1
T2
Top Cover
Tape
P1
A0
D1
D0
P2
P0
Carrier Tape
No Component
min. 160mm
Components
No Component
min. 100mm
Cover Tape
min. 400mm
A
A
Packaging is referred to the international standard IEC 60286-2:2015
Tape Type
A0
(mm)
B0
(mm)
W
(mm)
T
(mm)
T1
(mm)
T2
(mm)
K0
(mm)
P0
(mm)
P1
(mm)
P2
(mm)
D0
(mm)
D1
(mm)
E1
(mm)
E2
(mm)
F
(mm)
Material
Qty.
(pcs.)
Tolerance
±0,15
±0,15
±0,3
±0,03
ref.
typ.
±0,15
±0,1
±0,1
±0,1
+0,1/ -0,0
+0,2/ -0,0
±0,1
min.
±0,1
Value
2a
7,50
9,50
24,00
0,30
0,10
2,85
2,45
4,00
12,00
2,00
1,50
1,50
1,75
22,25
11,50
Polystyrene
500
Packaging Specification - Reel: [mm]
B
C
W3
W2
W1
close to center
detail B
Cover Tape
Sprocket Hole
Chip Cavity
Embossment
B
A
(mm)
B
(mm)
C
(mm)
D
(mm)
N
(mm)
W1
(mm)
W2
(mm)
W3
(mm)
W3
(mm)
Material
Tolerance
± 2,0
min.
min.
min.
min.
+ 2,0
max.
min.
max.
Value
178,00
1,50
12,80
20,20
60,00
24,40
30,40
23,90
27,40
Polystyrene
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
LuSe
001.000
2021-11-02
DIN ISO 2768-1m
DESCRIPTION
WIRL-BTLE Proteus-e Bluetooth
5.1 module
ORDER CODE
2612011024000
BUSINESS UNIT
STATUS
PAGE
eiSmart
Valid
4/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 2612011024000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
2612011022000 WURTH-2612011022000 Datasheet
812Kb / 7P
WIRL-NFW2 Ophelia-I radio module
001.000
More results

Similar Description - 2612011024000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BLUEM-G1X0 ETC-BLUEM-G1X0 Datasheet
885Kb / 15P
Bluetooth Module
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
logo
Wurth Elektronik GmbH &...
2609031181000 WURTH-2609031181000 Datasheet
429Kb / 6P
WIRL-PRO8 Radio module 868MHz
004.000
2610011025000 WURTH-2610011025000 Datasheet
573Kb / 6P
WIRL-WIFS Calypso WIFI module T&R
001.023
2608011124010 WURTH-2608011124010 Datasheet
456Kb / 6P
WIRL-BTLE Bluetooth smart 5.0 Standard-RF Pad
001.022
2608011024010 WURTH-2608011024010 Datasheet
457Kb / 6P
WIRL-BTLE Bluetooth smart 5.0 Standard - PCB Antenna
001.031
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
Wurth Elektronik GmbH &...
2611011024020 WURTH-2611011024020 Datasheet
786Kb / 7P
WIRL-COMB Setebos-I Combined Proprietary 2.4GHz & BTLE module T&R
002.000
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
Low Power Bluetooth 5.1 SoC
21-Dec-2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com