Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZR35220 Datasheet(PDF) 1 Page - Zoran Corporation

Part # ZR35220
Description  DVD Recorder System-on-a-Chip RF Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation

ZR35220 Datasheet(HTML) 1 Page - Zoran Corporation

  ZR35220 Datasheet HTML 1Page - Zoran Corporation ZR35220 Datasheet HTML 2Page - Zoran Corporation ZR35220 Datasheet HTML 3Page - Zoran Corporation ZR35220 Datasheet HTML 4Page - Zoran Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Activa
® 220 / Activa® 230
+ Activa
® 250
Te l
408.523.6500
Fax
408.523.6501
www.zoran.com
Product Brief
Zoran Corporation
1390 Kifer Road
Sunnyvale, CA 94086-5305
ZR35220/ZR35230+ZR35250
DVD
Digital Camera
Digital TV
Imaging
IP Core
Driving the Digital Lifestyle
Driving the Digital Lifestyle
General
• System-on-a-Chip solution for DVD recorder/player
• Digital Front End (DSP, Servo, Write Strategy)
• Back End (MPEG Encoder, DVD Decoder, DVB Demultiplexer and
Decoder)
• Unified Memory Architecture
• Powerful 162 MHz 32-bit RISC CPU enables next generation
applications
• Intuitive DVDR application and user interface
• Enables time-shift and "Watch and Record" applications
Recording
• Real time, 100% compliant DVD-Video, DVD-VR, and DVD+VR
authoring
• Rich DVD-Video menus with Thumbnails
• Supports DVD-R/-RW/-RAM/+R/+RW, CD-R/-RW formats
• Certified Dolby Digital Consumer Encoder
• VCPS, CPRM content protection
• 1.4-10 Mbps VBR/CBR (2-/4-/6-/8-hr record modes) bitrates
• DV25 Decode, Real-time Transcode to MPEG
• 256Mb to 512Mb SDRAM configurations
Digital Video Decoder
• DVD-Video, DVD-Audio, CVD, SVCD, VCD, CDDA Decoding
• DivX 3.11/4.x/5.x/6.x(Ultra), XviD full-D1 (with QPEL and GMC)
• MPEG-4 Advanced Simple Profile Level 5 (720x480 @ 30fps)
• Glueless HDMI i/f to ZR36721 (HDXtreme)
• JPEGXtreme enables image display at true HD resolution
w/ZR36721
Analog Video
• NTSC/PAL/SECAM/480P/576P analog video encoder with five
12-bit/108Mhz video DACs
• Horizontal Resolutions: 720, 704, 544, 480, 360, 352
• 3-field de-interlacing , de-blocking and de-ringing filters
• Simultaneous interlaced/progressive video output with independent
OSD control
• Embedded NTSC/PAL Video Decoder with Time Base Correction
(TBC) and 3D Y/C Separation
• Input video noise filtering (horizontal, vertical, temporal)
• Closed Captioning/Teletext/EPG VBI Bitslicing/Decoding and
Insertion
• Input analog video: RGB, CVBS, or Y/C
• Picture-in-Picture for external source preview
Features
Zoran's Activa 220 is a DVD Recorder System-on-a-Chip Multimedia
Processor that integrates a high performance, all-digital read/write
front end (write strategy, DSP, and servo controller) and high quality
back end (DVD playback, DVB demultiplexing and decode, and
MPEG encode). Activa 220 has direct interfaces to multiple Optical
Pickup Units (OPUs) via the Activa 250 RF amplifier chip.
The Activa 220+250 chipset is designed to deliver a broad portfolio of
cost-effective products, from entry level Optical Disc Drive (ODD)-
only systems to combo systems (e.g., ODD+Hard Disc Drive (HDD),
ODD+VCR, and ODD+TV). All Zoran Activa 220/250-based recording
solutions are 100% application and middleware software compatible
with previous generation products, providing a turnkey solution that
reduces product development cycles.
Zoran's Activa 220+250 based DVD recorders provide:
• Support for DVD recording formats (DVD+R/+RW, DVD-R/-RW)
• Intuitive, easy to use On Screen Display (OSD) for multiple devices
(ODD, HDD, flash card, etc.)
• Convergence solutions for DVDR+DTT and Networking
• Customizable HW/SW platform for next generation application
development
• 100% compliance to DVD-video, -VR, and +VR verifiers
• Native RGB input recording
The Activa 220+250 chipset is specifically designed to support
standalone DVD recorders with support for value-added applications
including:
• Multiple file format support, including MPEG-4 and DivX
• HDD/PVR functionality
• HDMI Digital Output w/HDCP, HD-JPEG
• USB Connectivity to digital cameras, printers and storage devices
• Flash Card Connectivity
• EPG services including Gemstar and tvtv
• YesDVD authoring
The Activa 220+250 solution is tuned for multiple Optical Pickup
Units (OPUs) and media types allowing OEMs to develop
differentiating features in the application software.
The Activa 220+250 chipset is the ideal IC solution for DVD
Recorders, Digital Entertainment Media Centers and combo DVDR
systems (DVDR+HDD, DVDR+DTT, DVDR+VCR, DVDR+TV, DVDR
A/V Receiver).
The Activa 230 adds to the Activa 220 features dual Digital Video
Broadcast Terrestrial and Satellite (DVB-T/S) support for a high
performance European solution.
The Activa 220 and 230 are footprint and software compatible.
Activa 220 / 230 + Activa 250 Benefits Overview
02/06 IN
DVD Recorder
System-on-a-Chip + RF Amplifier


Similar Part No. - ZR35220

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
ZR35200 ZORAN-ZR35200 Datasheet
184Kb / 4P
DVD Recorder System-on-a-Chip RF Amplifier
ZR35250 ZORAN-ZR35250 Datasheet
184Kb / 4P
DVD Recorder System-on-a-Chip RF Amplifier
More results

Similar Description - ZR35220

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
ACTIVA200 ZORAN-ACTIVA200 Datasheet
184Kb / 4P
DVD Recorder System-on-a-Chip RF Amplifier
logo
National Semiconductor ...
NDV8401 NSC-NDV8401 Datasheet
72Kb / 3P
DVD on a Chip Processor
NDV8501 NSC-NDV8501 Datasheet
75Kb / 3P
DVD on a Chip Processor
logo
Cirrus Logic
CS98000 CIRRUS-CS98000 Datasheet
420Kb / 46P
DVD On-a-Chip Solution
logo
LSI Computer Systems
DMN-8602 LSI-DMN-8602 Datasheet
226Kb / 4P
LSI Logic DiMeNsion 8602 DVD Recorder system Processor
logo
Zoran Corporation
ACTIVA150 ZORAN-ACTIVA150 Datasheet
49Kb / 2P
DVD Recorder Multimedia Processor
logo
Samsung semiconductor
KA2213 SAMSUNG-KA2213 Datasheet
153Kb / 8P
1 CHIP TAPE RECORDER SYSTEM
KA22130 SAMSUNG-KA22130 Datasheet
154Kb / 8P
1 CHIP TAPE RECORDER SYSTEM
logo
Toshiba Semiconductor
TA7628P TOSHIBA-TA7628P Datasheet
501Kb / 12P
AMPLIFIER SYSTEM FOR CASSETTE TAPE RECORDER
logo
Panasonic Semiconductor
DMR-ES10EB PANASONIC-DMR-ES10EB Datasheet
5Mb / 71P
DVD Video Recorder Service Manual
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com