Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5L0365R Datasheet(PDF) 14 Page - Fairchild Semiconductor

Part # 5L0365R
Description  Fairchild Power Switch(FPS)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

5L0365R Datasheet(HTML) 14 Page - Fairchild Semiconductor

Back Button 5L0365R Datasheet HTML 6Page - Fairchild Semiconductor 5L0365R Datasheet HTML 7Page - Fairchild Semiconductor 5L0365R Datasheet HTML 8Page - Fairchild Semiconductor 5L0365R Datasheet HTML 9Page - Fairchild Semiconductor 5L0365R Datasheet HTML 10Page - Fairchild Semiconductor 5L0365R Datasheet HTML 11Page - Fairchild Semiconductor 5L0365R Datasheet HTML 12Page - Fairchild Semiconductor 5L0365R Datasheet HTML 13Page - Fairchild Semiconductor 5L0365R Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
KA5X03XX-SERIES
12/9/03 0.0m 001
Stock#DSxxxxxxxx
 2003 Fairchild Semiconductor Corporation
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY
PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY
LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER
DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
Ordering Information
TU :Non Forming Type
YDTU : Forming type
Product Number
Package
Marking Code
BVDSS
FOSC
RDS(on)
KA5H0365RTU
TO-220F-4L
5H0365R
650V
100kHz
3.6
KA5H0365RYDTU
TO-220F-4L(Forming)
KA5M0365RTU
TO-220F-4L
5M0365R
650V
67kHz
3.6
KA5M0365RYDTU
TO-220F-4L(Forming)
KA5L0365RTU
TO-220F-4L
5L0365R
650V
50kHz
3.6
KA5L0365RYDTU
TO-220F-4L(Forming)
Product Number
Package
Marking Code
BVDSS
FOSC
RDS(on)
KA5H0380RTU
TO-220F-4L
5H0380R
800V
100kHz
4.6
KA5H0380RYDTU
TO-220F-4L(Forming)
KA5M0380RTU
TO-220F-4L
5M0380R
800V
67kHz
4.6
KA5M0380RYDTU
TO-220F-4L(Forming)
KA5L0380RTU
TO-220F-4L
5L0380R
800V
50kHz
4.6
KA5L0380RYDTU
TO-220F-4L(Forming)


Similar Part No. - 5L0365R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
5L0365R FAIRCHILD-5L0365R Datasheet
944Kb / 20P
   Fairchild Power Switch(FPS)
More results

Similar Description - 5L0365R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com