Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5L0365R Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 5L0365R
Description  Fairchild Power Switch(FPS)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

5L0365R Datasheet(HTML) 1 Page - Fairchild Semiconductor

  5L0365R Datasheet HTML 1Page - Fairchild Semiconductor 5L0365R Datasheet HTML 2Page - Fairchild Semiconductor 5L0365R Datasheet HTML 3Page - Fairchild Semiconductor 5L0365R Datasheet HTML 4Page - Fairchild Semiconductor 5L0365R Datasheet HTML 5Page - Fairchild Semiconductor 5L0365R Datasheet HTML 6Page - Fairchild Semiconductor 5L0365R Datasheet HTML 7Page - Fairchild Semiconductor 5L0365R Datasheet HTML 8Page - Fairchild Semiconductor 5L0365R Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev.1.0.6
Features
• Precision Fixed Operating Frequency (100/67/50kHz)
• Low Start-up Current(Typ. 100uA)
• Pulse by Pulse Current Limiting
• Over Current Protection
• Over Voltage Protection (Min. 25V)
• Internal Thermal Shutdown Function
• Under Voltage Lockout
• Internal High Voltage Sense FET
• Auto-Restart Mode
Applications
• SMPS for VCR, SVR, STB, DVD & DVCD
• SMPS for Printer, Facsimile & Scanner
• Adaptor for Camcorder
Description
The Fairchild Power Switch(FPS) product family is specially
designed for an off-line SMPS with minimal external
components. The Fairchild Power Switch(FPS) consists of a
high voltage power SenseFET and a current mode PWM IC.
Included PWM controller integrates the fixed frequency
oscillator, the under voltage lock-out, the leading edge
blanking, the optimized gate turn-on/turn-off driver, the
thermal shutdown protection, the over voltage protection,
and the temperature compensated precision current sources
for the loop compensation and the fault protection circuitry.
Compared to a discrete MOSFET and a PWM controller or
an RCCsolution, a Fairchild Power Switch(FPS) can reduce
the total component count, design size and weight and at the
same time increase efficiency, productivity, and system
reliability. It has a basic platform well suited for the cost
effective design in either a flyback converter or a forward
converter
Internal Block Diagram
#3 VCC
32V
5
µA
9V
2.5R
1R
1mA
0.1V
+
OVER VOLTAGE S/D
+
7.5V
27V
Thermal S/D
S
R
Q
Power on reset
+
L.E.B
S
R
Q
OSC
5V
Vref
Internal
bias
Good
logic
SFET
#2 DRAIN
#1 GND
#4 FB
KA5x03xx-SERIES
KA5H0365R, KA5M0365R, KA5L0365R
KA5H0380R, KA5M0380R, KA5L0380R
Fairchild Power Switch(FPS)
TO-220F-4L
1. GND 2. Drain 3. VCC 4. FB
1


Similar Part No. - 5L0365R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
5L0365R FAIRCHILD-5L0365R Datasheet
944Kb / 20P
   Fairchild Power Switch(FPS)
More results

Similar Description - 5L0365R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com