Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP411 Datasheet(PDF) 15 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TMP411
Description  짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP411 Datasheet(HTML) 15 Page - Burr-Brown (TI)

Back Button TMP411 Datasheet HTML 11Page - Burr-Brown (TI) TMP411 Datasheet HTML 12Page - Burr-Brown (TI) TMP411 Datasheet HTML 13Page - Burr-Brown (TI) TMP411 Datasheet HTML 14Page - Burr-Brown (TI) TMP411 Datasheet HTML 15Page - Burr-Brown (TI) TMP411 Datasheet HTML 16Page - Burr-Brown (TI) TMP411 Datasheet HTML 17Page - Burr-Brown (TI) TMP411 Datasheet HTML 18Page - Burr-Brown (TI) TMP411 Datasheet HTML 19Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
TMP411
SBOS383A − FEBRUARY 2007
www.ti.com
15
THERM HYSTERESIS REGISTER
The THERM Hysteresis Register stores the hysteresis
value used for the THERM pin alarm function. This register
must be programmed with a value that is less than the
Local Temperature High Limit Register value, Remote
Temperature High Limit Register value, Local THERM
Limit Register value, or Remote THERM Limit Register
value; otherwise, the respective temperature comparator
will not trip on the measured temperature falling edges.
Allowable hysteresis values are shown in Table 10. The
default hysteresis value is 10
°C, whether the device is
operating in the standard or extended mode setting.
Table 10. Allowable THERM Hysteresis Values
THERM HYSTERESIS VALUE
TEMPERATURE
(
°C)
TH[11:4]
(STANDARD BINARY)
(HEX)
0
0000 0000
00
1
0000 0001
01
5
0000 0101
05
10
0000 1010
0A
25
0001 1001
19
50
0011 0010
32
75
0100 1011
4B
100
0110 0100
64
125
0111 1101
7D
127
0111 1111
7F
150
1001 0110
96
175
1010 1111
AF
200
1100 1000
C8
225
1110 0001
E1
255
1111 1111
FF
BUS OVERVIEW
The TMP411 is SMBus interface-compatible. In SMBus
protocol, the device that initiates the transfer is called a
master, and the devices controlled by the master are
slaves. The bus must be controlled by a master device that
generates the serial clock (SCL), controls the bus access,
and generates the START and STOP conditions.
To address a specific device, a START condition is
initiated. START is indicated by pulling the data line (SDA)
from a high to low logic level while SCL is high. All slaves
on the bus shift in the slave address byte, with the last bit
indicating whether a read or write operation is intended.
During the ninth clock pulse, the slave being addressed
responds to the master by generating an Acknowledge
and pulling SDA low.
Data transfer is then initiated and sent over eight clock
pulses followed by an Acknowledge bit. During data
transfer SDA must remain stable while SCL is high,
because any change in SDA while SCL is high is
interpreted as a control signal.
Once all data has been transferred, the master generates
a STOP condition. STOP is indicated by pulling SDA from
low to high, while SCL is high.
SERIAL INTERFACE
The TMP411 operates only as a slave device on either the
Two-Wire bus or the SMBus. Connections to either bus are
made via the open-drain I/O lines, SDA and SCL. The SDA
and SCL pins feature integrated spike suppression filters
and Schmitt triggers to minimize the effects of input spikes
and bus noise. The TMP411 supports the transmission
protocol for fast (1kHz to 400kHz) and high-speed (1kHz
to 3.4MHz) modes. All data bytes are transmitted MSB
first.
SERIAL BUS ADDRESS
To communicate with the TMP411, the master must first
address slave devices via a slave address byte. The slave
address byte consists of seven address bits, and a
direction bit indicating the intent of executing a read or
write operation. The address of the TMP411 is 4Ch
(1001100b).
READ/WRITE OPERATIONS
Accessing a particular register on the TMP411 is
accomplished by writing the appropriate value to the
Pointer Register. The value for the Pointer Register is the
first byte transferred after the slave address byte with the
R/W bit low. Every write operation to the TMP411 requires
a value for the Pointer Register (see Figure 14).
Table 11. THERM Hysteresis Register Format
THERM HYSTERESIS REGISTER (Read = 21h, Write = 21h, POR = 0Ah)
BIT #
D7
D6
D5
D4
D3
D2
D1
D0
BIT #
D7
D6
D5
D4
D3
D2
D1
D0
BIT NAME
TH11
TH10
TH9
TH8
TH7
TH6
TH5
TH4
POR VALUE
0
0
0
0
1
0
1
0


Similar Part No. - TMP411

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411 TI-TMP411 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411-Q1 TI1-TMP411-Q1 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Similar Description - TMP411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com