Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP411 Datasheet(PDF) 14 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TMP411
Description  짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP411 Datasheet(HTML) 14 Page - Burr-Brown (TI)

Back Button TMP411 Datasheet HTML 10Page - Burr-Brown (TI) TMP411 Datasheet HTML 11Page - Burr-Brown (TI) TMP411 Datasheet HTML 12Page - Burr-Brown (TI) TMP411 Datasheet HTML 13Page - Burr-Brown (TI) TMP411 Datasheet HTML 14Page - Burr-Brown (TI) TMP411 Datasheet HTML 15Page - Burr-Brown (TI) TMP411 Datasheet HTML 16Page - Burr-Brown (TI) TMP411 Datasheet HTML 17Page - Burr-Brown (TI) TMP411 Datasheet HTML 18Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
TMP411
SBOS383A − FEBRUARY 2007
www.ti.com
14
Table 8. N-Factor Range
NADJUST
BINARY
HEX
DECIMAL
N
01111111
7F
127
1.747977
00001010
0A
10
1.042759
00001000
08
8
1.035616
00000110
06
6
1.028571
00000100
04
4
1.021622
00000010
02
2
1.014765
00000001
01
1
1.011371
00000000
00
0
1.008
11111111
FF
−1
1.004651
11111110
FE
−2
1.001325
11111100
FC
−4
0.994737
11111010
FA
−6
0.988235
11111000
F8
−8
0.981818
11110110
F6
−10
0.975484
10000000
80
−128
0.706542
MINIMUM AND MAXIMUM REGISTERS
The TMP411 stores the minimum and maximum
temperature measured since power-on, chip-reset, or
minimum and maximum register reset for both the local
and remote channels. The Local Temperature Minimum
Register may be read by reading the high byte from pointer
address 30h and the low byte from pointer address 31h.
The Local Temperature Minimum Register may also be
read by using a two-byte read command from pointer
address 30h. The Local Temperature Minimum Register is
reset at power-on, by executing the chip-reset command,
or by writing any value to any of pointer addresses 30h
through 37h. The reset value for these registers is
FFh/F0h.
The Local Temperature Maximum Register may be read
by reading the high byte from pointer address 32h and the
low byte from pointer address 33h. The Local Temperature
Maximum Register may also be read by using a two-byte
read command from pointer address 32h. The Local
Temperature Maximum Register is reset at power-on by
executing the chip reset command, or by writing any value
to any of pointer addresses 30h through 37h. The reset
value for these registers is 00h/00h.
The Remote Temperature Minimum Register may be read
by reading the high byte from pointer address 34h and the
low byte from pointer address 35h. The Remote
Temperature Minimum Register may also be read by using
a two-byte read command from pointer address 34h. The
Remote Temperature Minimum Register is reset at
power-on by executing the chip reset command, or by
writing any value to any of pointer addresses 30h through
37h. The reset value for these registers is FFh/F0h.
The Remote Temperature Maximum Register may be read
by reading the high byte from pointer address 36h and the
low byte from pointer address 37h. The Remote
Temperature Maximum Register may also be read by
using a two-byte read command from pointer address 36h.
The Remote Temperature Maximum Register is reset at
power-on by executing the chip reset command, or by
writing any value to any of pointer addresses 30h through
37h. The reset value for these registers is 00h/00h.
SOFTWARE RESET
The TMP411 may be reset by writing any value to Pointer
Register FCh. This restores the power-on reset state to all
of the TMP411 registers as well as abort any conversion
in process and clear the ALERT and THERM pins.
The TMP411 also supports reset via the two-wire general
call address (00000000). The TMP411 acknowledges the
general call address and responds to the second byte. If
the second byte is 00000110, the TMP411 executes a
software reset. The TMP411 takes no action in response
to other values in the second byte.
CONSECUTIVE ALERT REGISTER
The value in the Consecutive Alert Register (address 22h)
determines
how
many
consecutive
out-of-limit
measurements must occur on a measurement channel
before the ALERT signal is activated. The value in this
register does not affect bits in the Status Register. Values
of one, two, three, or four consecutive conversions can be
selected; one conversion is the default. This function
allows additional filtering for the ALERT pin. The
consecutive alert bits are shown in Table 9.
Table 9. Consecutive Alert Register
CONSECUTIVE ALERT REGISTER
(READ = 22h, WRITE = 22h, POR = 80h)
C2
C1
C0
NUMBER OF CONSECUTIVE
OUT-OF-LIMIT MEASUREMENTS
0
0
0
1
0
0
1
2
0
1
1
3
1
1
1
4
NOTE: Bit 7 of the Consecutive Alert Register controls the
enable/disable of the timeout function. See the Timeout
Function section for a description of this feature.


Similar Part No. - TMP411

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411 TI-TMP411 Datasheet
747Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411 Datasheet
1,012Kb / 33P
Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1 Datasheet
2Mb / 40P
짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411-Q1 TI1-TMP411-Q1 Datasheet
1,012Kb / 33P
Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Similar Description - TMP411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com