Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP411 Datasheet(PDF) 12 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TMP411
Description  짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP411 Datasheet(HTML) 12 Page - Burr-Brown (TI)

Back Button TMP411 Datasheet HTML 8Page - Burr-Brown (TI) TMP411 Datasheet HTML 9Page - Burr-Brown (TI) TMP411 Datasheet HTML 10Page - Burr-Brown (TI) TMP411 Datasheet HTML 11Page - Burr-Brown (TI) TMP411 Datasheet HTML 12Page - Burr-Brown (TI) TMP411 Datasheet HTML 13Page - Burr-Brown (TI) TMP411 Datasheet HTML 14Page - Burr-Brown (TI) TMP411 Datasheet HTML 15Page - Burr-Brown (TI) TMP411 Datasheet HTML 16Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
TMP411
SBOS383A − FEBRUARY 2007
www.ti.com
12
CONFIGURATION REGISTER
The Configuration Register sets the temperature range,
controls shutdown mode, and determines how the
ALERT/THERM2
pin
functions.
The
Configuration
Register is set by writing to pointer address 09h and read
by reading from pointer address 03h.
The MASK bit (bit 7) enables or disables the ALERT pin
output if AL/TH = 0. If AL/TH = 1 then the MASK bit has no
effect. If MASK is set to ‘0’, the ALERT pin goes low when
one of the temperature measurement channels exceeds
its high or low limits for the chosen number of consecutive
conversions. If the MASK bit is set to ‘1’, the TMP411
retains the ALERT pin status, but the ALERT pin will not
go low.
The shutdown (SD) bit (bit 6) enables or disables the
temperature measurement circuitry. If SD = 0, the TMP411
converts continuously at the rate set in the conversion rate
register. When SD is set to ‘1’, the TMP411 immediately
stops converting and enters a shutdown mode. When SD
is set to ‘0’ again, the TMP411 resumes continuous
conversions.
The AL/TH bit (bit 5) controls whether the ALERT pin
functions in ALERT mode or THERM2 mode. If AL/TH = 0,
the ALERT pin operates as an interrupt pin. In this mode,
the ALERT pin goes low after the set number of
consecutive
out-of-limit
temperature
measurements
occur.
If AL/TH = 1, the ALERT/THERM2 pin implements a
THERM function (THERM2). In this mode, THERM2
functions similar to the THERM pin except that the local
high limit and remote high limit registers are used for the
thresholds. THERM2 goes low when either RHIGH or
LHIGH is set.
The temperature range is set by configuring bit 2 of the
Configuration Register. Setting this bit low configures the
TMP411 for the standard measurement range (0
°C to
+127
°C); temperature conversions will be stored in the
standard binary format. Setting bit 2 high configures the
TMP411 for the extended measurement range (−55
°C to
+150
°C); temperature conversions will be stored in the
extended binary format (see Table 1).
The remaining bits of the Configuration Register are
reserved and must always be set to ‘0’. The power-on reset
value for this register is 00h. Table 5 summarizes the bits
of the Configuration Register.
Table 5. Configuration Register Bit Descriptions
CONFIGURATION REGISTER (Read = 02h, Write = NA, POR = 00h)
BIT
NAME
FUNCTION
POWER-ON RESET VALUE
7
MASK
0 = ALERT Enabled
1 = ALERT Masked
0
6
SD
0 = Run
1 = Shut Down
0
5
AL/TH
0 = ALERT Mode
1 = THERM Mode
0
4, 3
Reserved
0
2
Temperature Range
0 = 0
°C to +127°C
1 = −55
°C to +150°C
0
1, 0
Reserved
0


Similar Part No. - TMP411

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411 TI-TMP411 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411-Q1 TI1-TMP411-Q1 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Similar Description - TMP411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com