Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP411 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TMP411
Description  짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP411 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button TMP411 Datasheet HTML 6Page - Burr-Brown (TI) TMP411 Datasheet HTML 7Page - Burr-Brown (TI) TMP411 Datasheet HTML 8Page - Burr-Brown (TI) TMP411 Datasheet HTML 9Page - Burr-Brown (TI) TMP411 Datasheet HTML 10Page - Burr-Brown (TI) TMP411 Datasheet HTML 11Page - Burr-Brown (TI) TMP411 Datasheet HTML 12Page - Burr-Brown (TI) TMP411 Datasheet HTML 13Page - Burr-Brown (TI) TMP411 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TMP411
SBOS383A − FEBRUARY 2007
www.ti.com
10
TEMPERATURE REGISTERS
The TMP411 has four 8-bit registers that hold temperature
measurement results. Both the local channel and the
remote channel have a high byte register that contains the
most significant bits (MSBs) of the temperature ADC result
and a low byte register that contains the least significant
bits (LSBs) of the temperature ADC result. The local
channel high byte address is 00h; the local channel low
byte address is 15h. The remote channel high byte is at
address 01h; the remote channel low byte address is 10h.
These registers are read-only and are updated by the ADC
each time a temperature measurement is completed.
The TMP411 contains circuitry to assure that a low byte
register read command returns data from the same ADC
conversion as the immediately preceding high byte read
command. This assurance remains valid only until another
register is read. For proper operation, the high byte of a
temperature register should be read first. The low byte
register should be read in the next read command. The low
byte register may be left unread if the LSBs are not
needed. Alternatively, the temperature registers may be
read as a 16-bit register by using a single two-byte read
command from address 00h for the local channel result or
from address 01h for the remote channel result. The high
byte will be output first, followed by the low byte. Both bytes
of this read operation will be from the same ADC
conversion. The power-on reset value of both temperature
registers is 00h.
LIMIT REGISTERS
The TMP411 has 11 registers for setting comparator limits
for both the local and remote measurement channels.
These registers have read and write capability. The High
and Low Limit Registers for both channels span two
registers, as do the temperature registers. The local
temperature high limit is set by writing the high byte to
pointer address 0Bh and writing the low byte to pointer
address 16h, or by using a single two-byte write command
(high byte first) to pointer address 0Bh. The local
temperature high limit is obtained by reading the high byte
from pointer address 05h and the low byte from pointer
address 16h. The power-on reset value of the local
temperature high limit is 55h/00h (+85
°C in standard
temperature mode; +21
°C in extended temperature
mode).
Similarly, the local temperature low limit is set by writing
the high byte to pointer address 0Ch and writing the low
byte to pointer address 17h, or by using a single two-byte
write command to pointer address 0Ch. The local
temperature low limit is read by reading the high byte from
pointer address 06h and the low byte from pointer address
17h, or by using a two-byte read from pointer address 06h.
The power-on reset value of the local temperature low limit
register is 00h/00h (0
°C in standard temperature mode;
−64
°C in extended mode).
The remote temperature high limit is set by writing the high
byte to pointer address 0Dh and writing the low byte to
pointer address 13h, or by using a two-byte write
command
to
pointer
address
0Dh.
The
remote
temperature high limit is obtained by reading the high byte
from pointer address 07h and the low byte from pointer
address 13h, or by using a two-byte read command from
pointer address 07h. The power-on reset value of the
Remote Temperature High Limit Register is 55h/00h
(+85
°C in standard temperature mode; +21°C in extended
temperature mode).
The remote temperature low limit is set by writing the high
byte to pointer address 0Eh and writing the low byte to
pointer address 14h, or by using a two-byte write to pointer
address 0Eh. The remote temperature low limit is read by
reading the high byte from pointer address 08h and the low
byte from pointer address 14h, or by using a two-byte read
from pointer address 08h. The power-on reset value of the
Remote Temperature Low Limit Register is 00h/00h (0
°C
in standard temperature mode; −64
°C in extended mode).
The TMP411 also has a THERM limit register for both the
local and the remote channels. These registers are eight
bits and allow for THERM limits set to 1
°C resolution. The
local channel THERM limit is set by writing to pointer
address 20h. The remote channel THERM limit is set by
writing to pointer address 19h. The local channel THERM
limit is obtained by reading from pointer address 20h; the
remote channel THERM limit is read by reading from
pointer address 19h. The power-on reset value of the
THERM limit registers is 55h (+85
°C in standard
temperature mode; +21
°C in extended temperature
mode). The THERM limit comparators also have
hysteresis. The hysteresis of both comparators is set by
writing to pointer address 21h. The hysteresis value is
obtained by reading from pointer address 21h. The value
in the Hysteresis Register is an unsigned number (always
positive). The power-on reset value of this register is 0Ah
(+10
°C).
Whenever changing between standard and extended
temperature ranges, be aware that the temperatures
stored in the temperature limit registers are NOT
automatically reformatted to correspond to the new
temperature range format. These values must be
reprogrammed in the appropriate binary or extended
binary format.


Similar Part No. - TMP411

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411 TI-TMP411 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411-Q1 TI1-TMP411-Q1 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Similar Description - TMP411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com