Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP411 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TMP411
Description  짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP411 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button TMP411 Datasheet HTML 2Page - Burr-Brown (TI) TMP411 Datasheet HTML 3Page - Burr-Brown (TI) TMP411 Datasheet HTML 4Page - Burr-Brown (TI) TMP411 Datasheet HTML 5Page - Burr-Brown (TI) TMP411 Datasheet HTML 6Page - Burr-Brown (TI) TMP411 Datasheet HTML 7Page - Burr-Brown (TI) TMP411 Datasheet HTML 8Page - Burr-Brown (TI) TMP411 Datasheet HTML 9Page - Burr-Brown (TI) TMP411 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TMP411
SBOS383A − FEBRUARY 2007
www.ti.com
6
APPLICATIONS INFORMATION
The TMP411 is a dual-channel digital temperature sensor
that combines a local die temperature measurement
channel and a remote junction temperature measurement
channel in a single MSOP-8 or SO-8 package. The
TMP411 is Two-Wire- and SMBus interface-compatible
and is specified over a temperature range of −40
°C to
+125
°C. The TMP411 contains multiple registers for
holding
configuration
information,
temperature
measurement
results,
temperature
comparator
maximum/minimum limits, and status information.
User-programmed high and low temperature limits stored
in the TMP401 can be used to monitor local and remote
temperatures to trigger an over/under temperature alarm
(ALERT). Additional thermal limits can be programmed
into the TMP411 and used to trigger another flag (THERM)
that can be used to initiate a system response to rising
temperatures.
The TMP411 requires only a transistor connected between
D+ and D− for proper remote temperature sensing
operation. The SCL and SDA interface pins require pull-up
resistors as part of the communication bus, while ALERT
and THERM are open-drain outputs that also need pull−up
resistors. ALERT and THERM may be shared with other
devices if desired for a wired-OR implementation. A 0.1
µF
power-supply bypass capacitor is recommended for good
local bypassing. Figure 11 shows a typical configuration
for the TMP411.
0.1
µF
10k
(typ)
10k
(typ)
10k
(typ)
10k
(typ)
TMP411
D+
D
V+
1
8
7
6
4
5
3
2
R
S
(2)
R
S
(2)
C
DIFF
(3)
C
DIFF
(3)
R
S
(2)
R
S
(2)
GND
SCL
SDA
ALERT/THERM2
THERM
+5V
SMBus
Controller
Fan Controller
Diode−connected configuration(1):
Series Resistance
Transistor−connected configuration(1):
(1) Diode−connected configuration provides better settling time.
Transistor−connected configuration provides better series resistance cancellation.
(2) R
S should be < 1.5kΩ in most applications.
(3) C
DIFF should be < 1000pF in most applications.
NOTES:
Figure 11. Basic Connections


Similar Part No. - TMP411

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411 TI-TMP411 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411-Q1 TI1-TMP411-Q1 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Similar Description - TMP411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com