Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP411 Datasheet(PDF) 20 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # TMP411
Description  짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP411 Datasheet(HTML) 20 Page - Burr-Brown (TI)

Back Button TMP411_07 Datasheet HTML 16Page - Burr-Brown (TI) TMP411_07 Datasheet HTML 17Page - Burr-Brown (TI) TMP411_07 Datasheet HTML 18Page - Burr-Brown (TI) TMP411_07 Datasheet HTML 19Page - Burr-Brown (TI) TMP411_07 Datasheet HTML 20Page - Burr-Brown (TI) TMP411_07 Datasheet HTML 21Page - Burr-Brown (TI) TMP411_07 Datasheet HTML 22Page - Burr-Brown (TI) TMP411_07 Datasheet HTML 23Page - Burr-Brown (TI) TMP411_07 Datasheet HTML 24Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
TMP411
SBOS383A − FEBRUARY 2007
www.ti.com
20
SMBUS ALERT FUNCTION
The TMP411 supports the SMBus Alert function. When pin
6 is configured as an alert output, the ALERT pin of the
TMP411 may be connected as an SMBus Alert signal.
When a master detects an alert condition on the ALERT
line, the master sends an SMBus Alert command
(00011001) on the bus. If the ALERT pin of the TMP411 is
active, the devices will acknowledge the SMBus Alert
command and respond by returning its slave address on
the SDA line. The eighth bit (LSB) of the slave address
byte indicates whether the temperature exceeding one of
the temperature high limit settings or falling below one of
the temperature low limit settings caused the alert
condition. This bit will be high if the temperature is greater
than or equal to one of the temperature high limit settings;
this bit will be low if the temperature is less than one of the
temperature low limit settings. See Figure 16 for details of
this sequence.
If multiple devices on the bus respond to the SMBus Alert
command, arbitration during the slave address portion of
the SMBus Alert command determines which device will
clear its alert status. If the TMP411 wins the arbitration, its
ALERT pin becomes inactive at the completion of the
SMBus Alert command. If the TMP411 loses the
arbitration, the ALERT pin remains active.
SHUTDOWN MODE (SD)
The TMP411 Shutdown Mode allows the user to save
maximum power by shutting down all device circuitry other
than the serial interface, reducing current consumption to
typically less than 3
µA; see typical characteristic curve
Shutdown
Quiescent
Current
vs
Supply
Voltage.
Shutdown Mode is enabled when the SD bit of the
Configuration Register is high; the device shuts down
once the current conversion is completed. When SD is low,
the device maintains a continuous conversion state.
SENSOR FAULT
The TMP411 will sense a fault at the D+ input resulting
from incorrect diode connection or an open circuit. The
detection circuitry consists of a voltage comparator that
trips when the voltage at D+ exceeds (V+) − 0.6V (typical).
The comparator output is continuously checked during a
conversion. If a fault is detected, the last valid measured
temperature is used for the temperature measurement
result, the OPEN bit (Status Register, bit 2) is set high, and,
if the alert function is enabled, ALERT asserts low.
When not using the remote sensor with the TMP411, the
D+ and D− inputs must be connected together to prevent
meaningless fault warnings.
UNDER-VOLTAGE LOCKOUT
The TMP411 senses when the power-supply voltage has
reached a minimum voltage level for the ADC converter to
function. The detection circuitry consists of a voltage
comparator that enables the ADC converter after the
power
supply
(V+)
exceeds
2.45V
(typical).
The
comparator output is continuously checked during a
conversion. The TMP411 will not perform a temperature
conversion if the power supply is not valid. The last valid
measured temperature is used for the temperature
measurement result.
GENERAL CALL RESET
The TMP411 supports reset via the Two-Wire General Call
address 00h (0000 0000b). The TMP411 acknowledges
the General Call address and responds to the second byte.
If the second byte is 06h (0000 0110b), the TMP411
executes a software reset. This software reset restores the
power-on reset state to all TMP411 registers, aborts any
conversion in progress, and clears the ALERT and
THERM pins. The TMP411 takes no action in response to
other values in the second byte.
IDENTIFICATION REGISTERS
The TMP411 allows for the Two-Wire bus controller to
query the device for manufacturer and device IDs to allow
for software identification of the device at the particular
Two-Wire bus address. The manufacturer ID is obtained
by reading from pointer address FEh. The device ID is
obtained by reading from pointer address FFh. The
TMP411 returns 55h for the manufacturer code and 11h for
the device ID. These registers are read-only.
FILTERING
Remote
junction
temperature
sensors
are
usually
implemented in a noisy environment. Noise is most often
created by fast digital signals, and it can corrupt
measurements. The TMP411 has a built-in 65kHz filter on
the inputs of D+ and D− to minimize the effects of noise.
However, a bypass capacitor placed differentially across
the
inputs
of
the
remote
temperature
sensor
is
recommended to make the application more robust
against unwanted coupled signals. The value of the
capacitor should be between 100pF and 1nF. Some
applications attain better overall accuracy with additional
series resistance; however, this increased accuracy is
setup-specific. When series resistance is added, the value
should not be greater than 3k
Ω.


Similar Part No. - TMP411_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP411-Q1 TI-TMP411-Q1 Datasheet
2Mb / 40P
짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411-Q1 TI1-TMP411-Q1 Datasheet
1,012Kb / 33P
Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
logo
Burr-Brown (TI)
TMP411A BURR-BROWN-TMP411A Datasheet
369Kb / 25P
짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411A TI1-TMP411A Datasheet
973Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Similar Description - TMP411_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com