Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23001706 Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # 23001706
Description  Corrugated, 50 Ohm, 18 GHz, 85°C, ø7.6 mm, LSFH jacket
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

23001706 Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  23001706 Datasheet HTML 1Page - Huber+Suhner, Inc. 23001706 Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA SHEET
Corrugated, 50 Ohm, 18 GHz, 85°C, ø7.6 mm, LSFH jacket
SUCOFEED_1/4_HF_FR
Properties
• Low loss, low IM distortion
levels
• High power capability
• Flame retardant designs
available
• High shieding
e ectiveness
Construction
Component
Material
Detail
Diameter
Centre conductor
Copper clad Aluminum
Wire
1.9mm
Dielectric
SPE (Foamed Polyethylene)
4.6mm
Outer conductor
Copper
Tube, corrugated, 100%
6.4mm
Jacket
LSFH (modified polyethylene)
RAL 9011 - graphite black
7.6 mm +/- 0.4 mm
Electrical data
Impedance
50
+/-1
Operating frequency
≤ 18 GHz
Capacitance
79.7 pF
Inductance
0.2
µH/m
Velocity of signal propagation
83.5 %
Signal delay
4 ns/m
Screening e ectiveness
120dB
Insulation resistance
5000000
MΩ*m
Inner conductor resistance
9.8
/km
Operating Voltage (at sea level)
≤ 0.6 kV
Test voltage (50 Hz/1 min)
≤ 1.3 kV
Mechanical data
Weight
approx. 87 g/m
Static bending radius
≥ 25 mm
Repeated bending radius
50 mm (bendings, up to 15)
Tensile strength
300 N
hubersuhner.com


Similar Part No. - 23001706

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
230017003 WURTH-230017003 Datasheet
86Kb / 1P
D-Sub Filter Adapter 500V
More results

Similar Description - 23001706

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CCSMA18-MM-086F-12 CRYSTEKMICROWAVE-CCSMA18-MM-086F-12 Datasheet
1Mb / 3P
086 Flexible 50 Ohm 18 GHz Coaxial Cables
logo
TE Connectivity Ltd
114-32120 TEC-114-32120 Datasheet
7Mb / 16P
3.9-mm Pitch 85-Ohm and 100-Ohm
logo
Pasternack Enterprises,...
PE8654 PASTERNACK-PE8654 Datasheet
357Kb / 3P
50 Ohm SMA Mixer Operating From 6 GHz to 18 GHz
logo
CRYSTEK CORPORATION
CCSMA-MM-LL335-36 CRYSTEKMICROWAVE-CCSMA-MM-LL335-36 Datasheet
1Mb / 2P
LL335 50 Ohm 18 GHz Low Loss Coaxial Cables
CCSMA18-MM-141-3 CRYSTEKMICROWAVE-CCSMA18-MM-141-3 Datasheet
892Kb / 1P
50 Ohm DC-18 GHz Hand Formable Coaxial Cables
logo
Pasternack Enterprises,...
PE8221 PASTERNACK-PE8221 Datasheet
212Kb / 3P
50 Ohm TNC DC Block Operating From 10 MHz to 18 GHz
PE8220 PASTERNACK-PE8220 Datasheet
231Kb / 3P
50 Ohm TNC DC Block Operating From 10 MHz to 18 GHz
logo
Cree, Inc
CGHV96050F1 CREE-CGHV96050F1 Datasheet
1Mb / 14P
50 W, 7.9 - 9.6 GHz, 50-ohm, Input
logo
Pasternack Enterprises,...
PE6035 PASTERNACK-PE6035 Datasheet
236Kb / 2P
50 Ohm 10 Watts Brass N Male RF Load Up To 18 GHz
PE2028 PASTERNACK-PE2028 Datasheet
462Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
PE6037 PASTERNACK-PE6037 Datasheet
257Kb / 3P
50 Ohm 25 Watts Aluminum Heatsink N Female RF Load Up To 18 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com