Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23001706 Datasheet(PDF) 2 Page - Huber+Suhner, Inc.

Part # 23001706
Description  Corrugated, 50 Ohm, 18 GHz, 85°C, ø7.6 mm, LSFH jacket
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

23001706 Datasheet(HTML) 2 Page - Huber+Suhner, Inc.

  23001706 Datasheet HTML 1Page - Huber+Suhner, Inc. 23001706 Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
DATA SHEET
Corrugated, 50 Ohm, 18 GHz, 85°C, ø7.6 mm, LSFH jacket
SUCOFEED_1/4_HF_FR
Environmental data
Operation temperature
-40 °C ... 85°C
Installation temperature
-25 °C ... 60°C
Flame propagation standard
IEC 60332-1
IEC 60332-3
Fire characteristics
free of halogenes, acc. standard IEC 60754-2
Smoke test
IEC 61034
Suitable connectors
Cable group
M5
Ordering information
Item number
Item description
Available as assembly only
23001706
SUCOFEED_1/4_HF_FR
No
84020855
SUCOFEED_1/4_HF_FR
No
Power Matrix
Calculation: typical Attenuation [ formula: (a*f^0.5 + b*f) ] and maximum Power CW [ formula: (p/f^0.5)]
a coe icient typical =
0.181619
b coe icient typical =
0.0138088
fmax =
18.0
P at 1 GHz =
290.0
Frequency
Nom. attenuation
Nom. attenuation Max.
CW power
GHz
(dB/m)
(dB/ )
(W)
sea level 25°C ambient
temperature
sea level 25°C ambient
temperature
sea level 40°C ambient
temperature
0.10
0.059
0.018
917
0.20
0.084
0.026
648
0.40
0.120
0.037
459
0.60
0.149
0.045
374
1.00
0.195
0.059
290
1.50
0.243
0.074
237
2.00
0.284
0.087
205
6.00
0.528
0.161
118
6.50
0.553
0.169
114
7.00
0.577
0.176
110
7.50
0.601
0.183
106
8.00
0.624
0.190
103
8.50
0.647
0.197
99
9.00
0.669
0.204
97
9.50
0.691
0.211
94
10.00
0.712
0.217
92
12.00
0.795
0.242
84
14.00
0.873
0.266
78
16.00
0.947
0.289
72
18.00
1.019
0.311
68
HUBER+SUHNER is certified by ISO 9001, ISO 14001, ISO 45001, IATF 16949, AS/
EN 9100 and ISO/TS 22163-IRIS. Waiver: Facts and figures herein are for
information only and do not represent any warranty of any kind.
DOCUMENT PIM-P743 / Date of publication: 27.10.2023 / uncontrolled copy
hubersuhner.com


Similar Part No. - 23001706

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
230017003 WURTH-230017003 Datasheet
86Kb / 1P
D-Sub Filter Adapter 500V
More results

Similar Description - 23001706

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CCSMA18-MM-086F-12 CRYSTEKMICROWAVE-CCSMA18-MM-086F-12 Datasheet
1Mb / 3P
086 Flexible 50 Ohm 18 GHz Coaxial Cables
logo
TE Connectivity Ltd
114-32120 TEC-114-32120 Datasheet
7Mb / 16P
3.9-mm Pitch 85-Ohm and 100-Ohm
logo
Pasternack Enterprises,...
PE8654 PASTERNACK-PE8654 Datasheet
357Kb / 3P
50 Ohm SMA Mixer Operating From 6 GHz to 18 GHz
logo
CRYSTEK CORPORATION
CCSMA-MM-LL335-36 CRYSTEKMICROWAVE-CCSMA-MM-LL335-36 Datasheet
1Mb / 2P
LL335 50 Ohm 18 GHz Low Loss Coaxial Cables
CCSMA18-MM-141-3 CRYSTEKMICROWAVE-CCSMA18-MM-141-3 Datasheet
892Kb / 1P
50 Ohm DC-18 GHz Hand Formable Coaxial Cables
logo
Pasternack Enterprises,...
PE8221 PASTERNACK-PE8221 Datasheet
212Kb / 3P
50 Ohm TNC DC Block Operating From 10 MHz to 18 GHz
PE8220 PASTERNACK-PE8220 Datasheet
231Kb / 3P
50 Ohm TNC DC Block Operating From 10 MHz to 18 GHz
logo
Cree, Inc
CGHV96050F1 CREE-CGHV96050F1 Datasheet
1Mb / 14P
50 W, 7.9 - 9.6 GHz, 50-ohm, Input
logo
Pasternack Enterprises,...
PE6035 PASTERNACK-PE6035 Datasheet
236Kb / 2P
50 Ohm 10 Watts Brass N Male RF Load Up To 18 GHz
PE2028 PASTERNACK-PE2028 Datasheet
462Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
PE6037 PASTERNACK-PE6037 Datasheet
257Kb / 3P
50 Ohm 25 Watts Aluminum Heatsink N Female RF Load Up To 18 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com