Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA200 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA200
Description  High-Side Measurement Current-Shunt Monitor with Comparator and Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA200 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  INA200_07 Datasheet HTML 1Page - Burr-Brown (TI) INA200_07 Datasheet HTML 2Page - Burr-Brown (TI) INA200_07 Datasheet HTML 3Page - Burr-Brown (TI) INA200_07 Datasheet HTML 4Page - Burr-Brown (TI) INA200_07 Datasheet HTML 5Page - Burr-Brown (TI) INA200_07 Datasheet HTML 6Page - Burr-Brown (TI) INA200_07 Datasheet HTML 7Page - Burr-Brown (TI) INA200_07 Datasheet HTML 8Page - Burr-Brown (TI) INA200_07 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
FEATURES
D COMPLETE CURRENT SENSE SOLUTION
D 0.6V INTERNAL VOLTAGE REFERENCE
D INTERNAL OPEN-DRAIN COMPARATOR
D LATCHING CAPABILITY ON COMPARATOR
D COMMON-MODE RANGE: −16V to +80V
D HIGH ACCURACY: 3.5% MAX ERROR OVER
TEMPERATURE
D BANDWIDTH: 500kHz (INA200)
D QUIESCENT CURRENT: 1800µA (max)
D PACKAGES: SO-8, MSOP-8
APPLICATIONS
D NOTEBOOK COMPUTERS
D CELL PHONES
D TELECOM EQUIPMENT
D AUTOMOTIVE
D POWER MANAGEMENT
D BATTERY CHARGERS
D WELDING EQUIPMENT
DESCRIPTION
The
INA200,
INA201,
and
INA202
are high-side
current-shunt
monitors
with
voltage
output.
The
INA200−INA202 can sense drops across shunts at
common-mode
voltages
from
−16V
to
80V.
The
INA200−INA202 are available with three output voltage
scales: 20V/V, 50V/V, and 100V/V, with up to 500kHz
bandwidth.
The INA200, INA201, and INA202 also incorporate an
open-drain comparator and internal reference providing a
0.6V threshold. External dividers are used to set the
current trip point. The comparator includes a latching
capability, which can be made transparent by grounding
(or leaving open) the RESET pin.
The INA200, INA201, and INA202 operate from a single
+2.7V to +18V supply, drawing a maximum of 1800
µA of
supply current. Package options include the very small
MSOP-8 and the SO-8. All versions are specified over the
extended operating temperature range of −40
°C to
+125
°C.
G
0.6V
Reference
Comparator
OUT
CMP
IN
CMP
OUT
V
IN
V
IN+
INA200 (G = 20)
INA201 (G = 50)
INA202 (G = 100)
RESET
GND
V+
2
3
4
6
5
7
8
1
INA200
INA201
INA202
SBOS374 − NOVEMBER 2006
High-Side Measurement Current-Shunt Monitor
with Comparator and Reference
IN A
2 0 0
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - INA200_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA200-Q1 TI1-INA200-Q1 Datasheet
703Kb / 21P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200-Q1 TI1-INA200-Q1 Datasheet
1Mb / 33P
High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Burr-Brown (TI)
INA200A BURR-BROWN-INA200A Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 32P
INA20x High-Side Measurement Current-Shunt Monitor
More results

Similar Description - INA200_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA202AID TI1-INA202AID Datasheet
1,017Kb / 26P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA200 TI-INA200_15 Datasheet
1Mb / 33P
INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com