Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA200 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA200
Description  High-Side Measurement Current-Shunt Monitor with Comparator and Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA200 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  INA200_07 Datasheet HTML 1Page - Burr-Brown (TI) INA200_07 Datasheet HTML 2Page - Burr-Brown (TI) INA200_07 Datasheet HTML 3Page - Burr-Brown (TI) INA200_07 Datasheet HTML 4Page - Burr-Brown (TI) INA200_07 Datasheet HTML 5Page - Burr-Brown (TI) INA200_07 Datasheet HTML 6Page - Burr-Brown (TI) INA200_07 Datasheet HTML 7Page - Burr-Brown (TI) INA200_07 Datasheet HTML 8Page - Burr-Brown (TI) INA200_07 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
INA200
INA201
INA202
SBOS374 − NOVEMBER 2006
www.ti.com
4
ELECTRICAL CHARACTERISTICS: COMPARATOR
Boldface limits apply over the specified temperature range: TA = −40°C to +125°C.
At TA = +25°C, VS = +12V, VCM = +12V, VSENSE = 100mV, RL = 10kΩ to GND, and RPULL-UP = 5.1kΩ connected from CMPOUT to VS, unless otherwise
noted.
INA200, INA201, INA202
COMPARATOR PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Threshold
TA = +25°C
590
600
610
mV
Over Temperature
586
614
mV
Hysteresis(1)
TA = −40°C to +85°C
−8
mV
INPUT BIAS CURRENT(2)
CMPIN Pin
0.005
10
nA
vs Temperature
15
nA
INPUT VOLTAGE RANGE
CMPIN Pin
0V to VS − 1.5V
V
OUTPUT (OPEN-DRAIN)
Large-Signal Differential Voltage Gain
CMP VOUT 1V to 4V, RL ≥ 15kΩ Connected to 5V
200
V/mV
High-Level Leakage Current(3)(4)
ILKG
VID = 0.4V, VOH = VS
0.0001
1
µA
Low-Level Output Voltage(3)
VOL
VID = −0.6V, IOL = 2.35mA
220
300
mV
RESPONSE TIME
Response Time(5)
RL to 5V, CL = 15pF, 100mV Input Step with 5mV Overdrive
1.3
µs
RESET
RESET Threshold(6)
1.1
V
Logic Input Impedance
2
M
Minimum RESET Pulse Width
1.5
µs
RESET Propagation Delay
3
µs
(1) Hysteresis refers to the threshold (the threshold specification applies to a rising edge of a noninverting input) of a falling edge on the noninverting input of the
comparator; refer to Figure 1.
(2) Specified by design.
(3) VID refers to the differential voltage at the comparator inputs.
(4) Open-drain output can be pulled to the range of +2.7V to +18V, regardless of VS.
(5) The comparator response time specified is the interval between the input step function and the instant when the output crosses 1.4V.
(6) The RESET input has an internal 2MΩ (typical) pull-down. Leaving RESET open results in a LOW state, with transparent comparator operation.
Hysteresis = V
THRESHOLD − 8mV
V
THRESHOLD
Input Voltage
0.6V
0.592V
Figure 1. Typical Comparator Hysteresis


Similar Part No. - INA200_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA200-Q1 TI1-INA200-Q1 Datasheet
703Kb / 21P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200-Q1 TI1-INA200-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Burr-Brown (TI)
INA200A BURR-BROWN-INA200A Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 32P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor
More results

Similar Description - INA200_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA202AID TI1-INA202AID Datasheet
1,017Kb / 26P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA200 TI-INA200_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com