Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSC-FSC-A100_100-P Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # FSC-FSC-A100_100-P
Description  SC adapter, SM, UPC, int. fix. spring, simplex, blue
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

FSC-FSC-A100_100-P Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  FSC-FSC-A100_100-P Datasheet HTML 1Page - Huber+Suhner, Inc. FSC-FSC-A100_100-P Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA SHEET
Adapter
SC adapter, SM, UPC, int. fix. spring, simplex, blue
FSC-FSC-A100_100-P
Properties
• For high mechanical and
thermal stability
• Integrated fixed clip
General data
Adapter family
SC
Type
Simplex
Mechanical data
Weight
0.003 kg
Housing colour
Blue
Housing material
Plastic
Sleeve Inner Diameter
2.49 mm
Sleeve Outer Diameter
3.2 mm
Sleeve Concentricity
0.02 mm
Mating cycles with repeated cleaning
200
Tensile load
100 N
Mechanical inte ace according to
IEC 61754-4, TIA 604-3 (SC)
Environmental data
Temperature
Operation temperature
-40 °C ... 85°C
UV resistance
Resistance
Yes
Flammability rating
UL 94 V-0
hubersuhner.com


Similar Part No. - FSC-FSC-A100_100-P

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
FSC-FSC-A101_100-P HUBERSUHNER-FSC-FSC-A101_100-P Datasheet
279Kb / 2P
   SC adapter, SM, UPC, int. fix. spring, simplex, black
More results

Similar Description - FSC-FSC-A100_100-P

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
FST-A100 HUBERSUHNER-FST-A100 Datasheet
369Kb / 2P
   Adapter SC / ST, SM, UPC, snap-in flange, simplex, blue
FCPC-D101 HUBERSUHNER-FCPC-D101 Datasheet
206Kb / 2P
   Adapter SC / FC, SM, UPC, 2-hole flange, simplex, blue
FSC-D101 HUBERSUHNER-FSC-D101 Datasheet
334Kb / 1P
   Adapter E-2000® / SC, SM, UPC, 2-hole flange, simplex, blue
CLIK_-A100_100-P HUBERSUHNER-CLIK_-A100_100-P Datasheet
1Mb / 2P
   CLIK!® Adapter, SM, UPC, snap-in flange, simplex, white
logo
Electronic Components L...
CP30215 CLIFF-CP30215 Datasheet
243Kb / 1P
   SC SIMPLEX SM FEEDTHROUGH CONNECTOR
05/2020
logo
Huber+Suhner, Inc.
FCPC-D600_100-P HUBERSUHNER-FCPC-D600_100-P Datasheet
213Kb / 2P
   Adapter SC / FC, SM, APC, 2-hole flange, simplex, green
FSC-D601 HUBERSUHNER-FSC-D601 Datasheet
446Kb / 2P
   Adapter E-2000® / SC, SM, APC, 2-hole flange, simplex, green
logo
Molex Electronics Ltd.
1060592032 MOLEX-1060592032_V01 Datasheet
50Kb / 1P
   Optical Industrial Adapter, Industrial SC to SC Simplex, APC
1060592030 MOLEX-1060592030 Datasheet
50Kb / 1P
   Optical Industrial Adapter, Industrial SC to SC Simplex, Singlemode
1060592032 MOLEX1-1060592032 Datasheet
51Kb / 1P
   Optical Industrial Adapter, Industrial SC to SC Simplex, APC
1060592031 MOLEX1-1060592031 Datasheet
51Kb / 1P
   Optical Industrial Adapter, Industrial SC to SC Simplex, Multimode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com