Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSC-CMAX-L100_100-P Datasheet(PDF) 2 Page - Huber+Suhner, Inc.

Part # FSC-CMAX-L100_100-P
Description  SC connector, OM3, PC, aqua
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

FSC-CMAX-L100_100-P Datasheet(HTML) 2 Page - Huber+Suhner, Inc.

  FSC-CMAX-L100_100-P Datasheet HTML 1Page - Huber+Suhner, Inc. FSC-CMAX-L100_100-P Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
DATA SHEET
Indoor connectors
SC connector, OM3, PC, aqua
FSC-CMAX-L100_100-P
Optical data
Insertion loss 97%
0.5 dB
Insertion loss typical
0.2 dB
Return loss
> 35 dB
Technical drawing
Ordering Information Table
Item number
Item description
84085618
FSC-CMAX-L100_100-P
HUBER+SUHNER is certified by ISO 9001, ISO 14001, ISO 45001, IATF 16949, AS/
EN 9100 and ISO/TS 22163-IRIS. Waiver: Facts and figures herein are for
information only and do not represent any warranty of any kind.
DOCUMENT PIM-P14422 / Date of publication: 28.11.2023 / uncontrolled copy
hubersuhner.com


Similar Part No. - FSC-CMAX-L100_100-P

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
FSC-CMAX-A101_100-P HUBERSUHNER-FSC-CMAX-A101_100-P Datasheet
291Kb / 2P
   SC connector, SM, High-end, UPC, blue
FSC-CMAX-A600_100-P HUBERSUHNER-FSC-CMAX-A600_100-P Datasheet
289Kb / 2P
   SC connector, SM, High-end, APC, green
FSC-CMAX-B101_100-P HUBERSUHNER-FSC-CMAX-B101_100-P Datasheet
289Kb / 2P
   SC connector, G50/125, G62.5/125, PC, beige
FSC-CMAX-D101_100-P HUBERSUHNER-FSC-CMAX-D101_100-P Datasheet
289Kb / 2P
   SC connector, HCS200/230, PC, beige
FSC-CMAX-H101_100-P HUBERSUHNER-FSC-CMAX-H101_100-P Datasheet
291Kb / 2P
   SC connector, SM, premium, UPC, blue
More results

Similar Description - FSC-CMAX-L100_100-P

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1064810113 MOLEX-1064810113 Datasheet
42Kb / 1P
   LGX Cassette, 24 LC/PC-to-1 Male MTP/PC, Multimode OM3, Aqua
1064810001 MOLEX-1064810001 Datasheet
36Kb / 1P
   High-Density Cassette, 12 LC/PC-to-Male MTP/PC, Multimode OM3, Aqua
1064810112 MOLEX-1064810112 Datasheet
42Kb / 1P
   LGX Cassette, 24 LC/PC-to-2 Male MTP/PC, Multimode OM3, Aqua
logo
Tripp Lite. All Rights ...
N806-05M TRIPPLITE-N806-05M Datasheet
164Kb / 2P
   10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (SC/SC) - Aqua, 5M (16-ft.)
logo
Belden Inc.
AX105207-B25 BELDEN-AX105207-B25 Datasheet
210Kb / 2P
   FX Brilliance OM3 SC Connector
2023 Belden, Inc
logo
Tripp Lite. All Rights ...
N80610M TRIPPLITE-N80610M Datasheet
505Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (SC-SC) - Aqua, 10M (33-ft)
logo
Molex Electronics Ltd.
1064810102 MOLEX-1064810102 Datasheet
38Kb / 1P
   LGX Cassette, 12 LC/PC-to-1 Male MTP/PC, Multimode OM3, Aqua
logo
Tripp Lite. All Rights ...
N80601M TRIPPLITE-N80601M Datasheet
505Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (SC-SC) - Aqua, 1M (3-ft.)
N80602M TRIPPLITE-N80602M Datasheet
505Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (SC-SC) - Aqua, 2M (6-ft)
N80605M TRIPPLITE-N80605M Datasheet
505Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (SC-SC) - Aqua, 5M (16-ft)
N806-02M TRIPPLITE-N806-02M Datasheet
164Kb / 2P
   10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (SC/SC) - Aqua, 2M (6-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com