Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSC-CMAX-A600_100-P Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # FSC-CMAX-A600_100-P
Description  SC connector, SM, High-end, APC, green
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

FSC-CMAX-A600_100-P Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  FSC-CMAX-A600_100-P Datasheet HTML 1Page - Huber+Suhner, Inc. FSC-CMAX-A600_100-P Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA SHEET
Indoor connectors
SC connector, SM, High-end, APC, green
FSC-CMAX-A600_100-P
Properties
• One-piece design
for easy and quick
termination
• Push-pull connector
• High mechanical and
thermal resistance
General data
Connector family
SC
Connector type
SC Std
Gender
Plug
Optical inte ace according to
IEC 61755-3-2 (APC)
Mechanical inte ace according to
IEC 61754-4, TIA 604-3 (SC)
Housing colour
Green
Housing material
Plastic
Weight
0.003 kg
Fiber quantity
1 pcs
Only valid as assembly
Yes
Mechanical data
Compatible cable diameter
0.6mm to 3.5mm
Standard
IEC 61300-2-2
Mating cycles
Cycles
1000
Standard
IEC61300-2-4
Tensile strength
Tensile load
100 N
Inner diameter
0.1253 mm
Outer diameter
2.499 mm
Concentricity
0.001 mm
Ferrule
Material
Ceramic
Tuning
Steps
45
Environmental data
Standard
IEC 61300-2-22
Temperature
Operation temperature
-40 °C ... 85°C
UV resistance
Resistance
Yes
Chemical resistance
good
hubersuhner.com


Similar Part No. - FSC-CMAX-A600_100-P

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
FSC-CMAX-A101_100-P HUBERSUHNER-FSC-CMAX-A101_100-P Datasheet
291Kb / 2P
   SC connector, SM, High-end, UPC, blue
More results

Similar Description - FSC-CMAX-A600_100-P

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
106273-0707 MOLEX11-106273-0707 Datasheet
52Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
1062730705 MOLEX1-1062730705 Datasheet
49Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0703 MOLEX11-106273-0703 Datasheet
52Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
1062730702 MOLEX1-1062730702 Datasheet
49Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0704 MOLEX11-106273-0704 Datasheet
52Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0705 MOLEX11-106273-0705 Datasheet
52Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0706 MOLEX11-106273-0706 Datasheet
52Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0701 MOLEX11-106273-0701 Datasheet
52Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0702 MOLEX11-106273-0702 Datasheet
52Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
1062730704 MOLEX1-1062730704 Datasheet
49Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
1062730706 MOLEX1-1062730706 Datasheet
49Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com