Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSC-CMAX-A600_100-P Datasheet(PDF) 2 Page - Huber+Suhner, Inc.

Part # FSC-CMAX-A600_100-P
Description  SC connector, SM, High-end, APC, green
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

FSC-CMAX-A600_100-P Datasheet(HTML) 2 Page - Huber+Suhner, Inc.

  FSC-CMAX-A600_100-P Datasheet HTML 1Page - Huber+Suhner, Inc. FSC-CMAX-A600_100-P Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
DATA SHEET
Indoor connectors
SC connector, SM, High-end, APC, green
FSC-CMAX-A600_100-P
Environmental data
Flammability rating
UL 94 V-0
Optical data
Insertion loss 97%
0.15 dB
Insertion loss typical
0.06 dB
Return loss
> 85 dB
Technical drawing
Ordering Information Table
Item number
Item description
22650950
FSC-CMAX-A600_100-P
HUBER+SUHNER is certified by ISO 9001, ISO 14001, ISO 45001, IATF 16949, AS/
EN 9100 and ISO/TS 22163-IRIS. Waiver: Facts and figures herein are for
information only and do not represent any warranty of any kind.
DOCUMENT PIM-P14427 / Date of publication: 02.11.2023 / uncontrolled copy
hubersuhner.com


Similar Part No. - FSC-CMAX-A600_100-P

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
FSC-CMAX-A101_100-P HUBERSUHNER-FSC-CMAX-A101_100-P Datasheet
291Kb / 2P
   SC connector, SM, High-end, UPC, blue
More results

Similar Description - FSC-CMAX-A600_100-P

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
106273-0707 MOLEX11-106273-0707 Datasheet
52Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
1062730705 MOLEX1-1062730705 Datasheet
49Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0703 MOLEX11-106273-0703 Datasheet
52Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
1062730702 MOLEX1-1062730702 Datasheet
49Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0704 MOLEX11-106273-0704 Datasheet
52Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0705 MOLEX11-106273-0705 Datasheet
52Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0706 MOLEX11-106273-0706 Datasheet
52Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0701 MOLEX11-106273-0701 Datasheet
52Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
106273-0702 MOLEX11-106273-0702 Datasheet
52Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
1062730704 MOLEX1-1062730704 Datasheet
49Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
1062730706 MOLEX1-1062730706 Datasheet
49Kb / 1P
   SC/APC-to-SC/APC, Singlemode, 9/125m/SM, Simplex, 4.80mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com