Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCL1810RGZRG4 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL1810RGZRG4
Description  1.8V, 10 Output, High-Performance Clock Distributor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCL1810RGZRG4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button CDCL1810RGZRG4 Datasheet HTML 12Page - Texas Instruments CDCL1810RGZRG4 Datasheet HTML 13Page - Texas Instruments CDCL1810RGZRG4 Datasheet HTML 14Page - Texas Instruments CDCL1810RGZRG4 Datasheet HTML 15Page - Texas Instruments CDCL1810RGZRG4 Datasheet HTML 16Page - Texas Instruments CDCL1810RGZRG4 Datasheet HTML 17Page - Texas Instruments CDCL1810RGZRG4 Datasheet HTML 18Page - Texas Instruments CDCL1810RGZRG4 Datasheet HTML 19Page - Texas Instruments CDCL1810RGZRG4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
www.ti.com
CDCL1810
SLLS781A – FEBRUARY 2007 – REVISED MARCH 2007
Table 3. Phase Settings for Divide Ratio = 1, 2, 4, 8, 16, 32
With PH0[4:0] = 00000
PH1
Divide
Phase Lead
Ratio
[4]
[3]
[2]
[1]
[0]
(radian)
Notes
1
X
X
X
X
X
0
00000: Default Phase setting not available
2
X
X
X
X
0
0
X
X
X
X
1
(2
π/2)
4
X
X
X
0
0
0
X
X
X
0
1
(2
π/4)
X
X
X
1
0
2(2
π/4)
X
X
X
1
1
3(2
π/4)
8
X
X
0
0
0
0
X
X
0
0
1
(2
π/8)
X
X
0
1
0
2(2
π/8)
X
X
0
1
1
3(2
π/8)
X
X
1
0
0
4(2
π/8)
X
X
1
0
1
5(2
π/8)
X
X
1
1
0
6(2
π/8)
X
X
1
1
1
7(2
π/8)
16
X
0
0
0
0
0
X
0
0
0
1
(2
π/16)
X
0
0
1
0
2(2
π/16)
X
0
0
1
1
3(2
π/16)
X
0
1
0
0
4(2
π/16)
X
0
1
0
1
5(2
π/16)
X
0
1
1
0
6(2
π/16)
X
0
1
1
1
7(2
π/16)
X
1
0
0
0
8(2
π/16)
X
1
0
0
1
9(2
π/16)
X
1
0
1
0
10(2
π/16)
X
1
0
1
1
11(2
π/16)
X
1
1
0
0
12(2
π/16)
X
1
1
0
1
13(2
π/16)
X
1
1
1
0
14(2
π/16)
X
1
1
1
1
15(2
π/16)
16
Submit Documentation Feedback


Similar Part No. - CDCL1810RGZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCL1810RGZRG4 TI1-CDCL1810RGZRG4 Datasheet
980Kb / 33P
[Old version datasheet]   Output, High-Performance Clock Distributor
More results

Similar Description - CDCL1810RGZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCL1810 TI1-CDCL1810 Datasheet
980Kb / 33P
[Old version datasheet]   Output, High-Performance Clock Distributor
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCL6010 TI-CDCL6010_07 Datasheet
584Kb / 27P
[Old version datasheet]   1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
CDCL6010 TI-CDCL6010 Datasheet
582Kb / 24P
[Old version datasheet]   1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
logo
National Semiconductor ...
LMK01000 NSC-LMK01000 Datasheet
431Kb / 18P
   1.6 GHz High Performance Clock Buffer, Divider, and Distributor
logo
Texas Instruments
LMK01000 TI1-LMK01000_14 Datasheet
896Kb / 27P
[Old version datasheet]   1.6 GHz High Performance Clock Buffer, Divider, and Distributor
logo
Renesas Technology Corp
2304NZL RENESAS-2304NZL Datasheet
533Kb / 16P
   1.8V to 3.3V, High-Performance 1:4 Clock Buffer
JANUARY 31, 2017
logo
Integrated Device Techn...
5PB11XX IDT-5PB11XX Datasheet
504Kb / 19P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
5PB1102PGG IDT-5PB1102PGG Datasheet
479Kb / 21P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com