Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11_SMA-50-3-64-19_N Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # 11_SMA-50-3-64-19_N
Description  COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

11_SMA-50-3-64-19_N Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  11_SMA-50-3-64-19_N Datasheet HTML 1Page - Huber+Suhner, Inc. 11_SMA-50-3-64-19_N Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA SHEET
COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug
(male)
11_SMA-50-3-64/-19_N
Properties
• Excellent return loss
• Intermateable with PC3.5
and SK
• Applicable in frequencies
up to 18 GHz
Product configuration
Inte ace type
Gender
Standard
SMA-26.5GHz
plug
HUBER+SUHNER-SMA-26.5GHz
Inte ace and material data
Piece parts
Material
Plating
Outer conductor
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Body
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Coupling nut
Stainless Steel
Passivated (Plating)
Gasket
VMQ (Silicone rubber)
Electrical data
Impedance
50
Inte ace frequency
26.5 GHz
Mechanical data
Weight
0.0024 kg
Mating cycles
500
Cable entry outer contact
soldered
Environmental data
Operation temperature
-65 °C ... 165°C
Ordering Information Table
Item number
Item description
Packaging type
22649224
11_SMA-50-3-64/-19_NH
Bulk 100 pcs
hubersuhner.com


Similar Part No. - 11_SMA-50-3-64-19_N

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
11_SMA-50-3-6-111_N HUBERSUHNER-11_SMA-50-3-6-111_N Datasheet
795Kb / 1P
Coaxial Cable Connector
11_SMA-50-3-6111_N HUBERSUHNER-11_SMA-50-3-6111_N Datasheet
159Kb / 2P
COAXIAL CONNECTOR, SMA, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-65119_N HUBERSUHNER-11_SMA-50-3-65119_N Datasheet
211Kb / 2P
COAXIAL CONNECTOR, SMA, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-65119_NE HUBERSUHNER-11_SMA-50-3-65119_NE Datasheet
793Kb / 1P
Coaxial Cable Connector
11_SMA-50-3-66-19_N HUBERSUHNER-11_SMA-50-3-66-19_N Datasheet
224Kb / 2P
COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
More results

Similar Description - 11_SMA-50-3-64-19_N

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
11_SMA-50-2-100111_N HUBERSUHNER-11_SMA-50-2-100111_N Datasheet
158Kb / 2P
COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-66-19_N HUBERSUHNER-11_SMA-50-3-66-19_N Datasheet
224Kb / 2P
COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-14-11_N HUBERSUHNER-11_SMA-50-3-14-11_N Datasheet
210Kb / 2P
COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-69-19_N HUBERSUHNER-11_SMA-50-3-69-19_N Datasheet
175Kb / 2P
COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-2-20119_N HUBERSUHNER-11_SMA-50-2-20119_N Datasheet
177Kb / 2P
COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-16-11_N HUBERSUHNER-11_SMA-50-3-16-11_N Datasheet
224Kb / 2P
COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-42-33_N HUBERSUHNER-11_SMA-50-3-42-33_N Datasheet
161Kb / 2P
COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
16_SMA-50-3-100199_N HUBERSUHNER-16_SMA-50-3-100199_N Datasheet
182Kb / 2P
COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Right angle cable plug (male)
32_SMA-50-0-100111_N HUBERSUHNER-32_SMA-50-0-100111_N Datasheet
610Kb / 2P
COAXIAL ADAPTER, SMA-26.5GHz, 50 Ohm, plug / plug (male / male)
16_SMA-50-2-100199_N HUBERSUHNER-16_SMA-50-2-100199_N Datasheet
237Kb / 2P
COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Right angle cable plug (male)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com