Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US5U29 Datasheet(PDF) 1 Page - Rohm

Part # US5U29
Description  2.5V Drive PchSBD MOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

US5U29 Datasheet(HTML) 1 Page - Rohm

  US5U29 Datasheet HTML 1Page - Rohm US5U29 Datasheet HTML 2Page - Rohm US5U29 Datasheet HTML 3Page - Rohm US5U29 Datasheet HTML 4Page - Rohm US5U29 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
US5U29
Transistor
Rev.C
1/4
2.5V Drive Pch+SBD MOS FET
US5U29
Structure
External dimensions (Unit : mm)
Silicon P-channel MOS FET
Schottky Barrier DIODE
Features
1) The US5U29 combines Pch MOS FET with a
Schottky barrier diode in a TUMT5 package.
2) Low on-resistance with fast switching.
3) Low voltage drive (2.5V).
4) Built-in schottky barrier diode has low forward voltage.
Applications
Load switch, DC/DC conversion
Packaging specifications
Equivalent circuit
US5U29
TR
3000
Type
Package
Code
Taping
Basic ordering unit (pieces)
TUMT5
0.3
0.77
0.17
2.0
1.3
0.65 0.65
(2)
(1)
(3)
(5)
(4)
0~0.1
0.85Max.
Abbreviated symbol : U29
(1)Gate
(2)Source
(3)Anode
(4)Cathode
(5)Drain
∗1 ESD protection diode
∗2 Body diode
∗2
∗1
(1)
(2)
(5)
(3)
(4)


Similar Part No. - US5U29

ManufacturerPart #DatasheetDescription
logo
Rohm
US5U29 ROHM-US5U29 Datasheet
99Kb / 5P
Small switching (-20V, -1.5A)
More results

Similar Description - US5U29

ManufacturerPart #DatasheetDescription
logo
Rohm
RTE002P02 ROHM-RTE002P02 Datasheet
65Kb / 3P
2.5V Drive Pch MOS FET
RTF011P02 ROHM-RTF011P02 Datasheet
65Kb / 3P
2.5V Drive Pch MOS FET
QS6U22 ROHM-QS6U22_1 Datasheet
89Kb / 5P
2.5V Drive PchSBD MOS FET
QS5U21 ROHM-QS5U21_06 Datasheet
95Kb / 5P
2.5V Drive PchSBD MOS FET
QS5U23 ROHM-QS5U23_06 Datasheet
96Kb / 5P
2.5V Drive PchSBD MOS FET
QS5U28 ROHM-QS5U28_06 Datasheet
87Kb / 5P
2.5V Drive PchSBD MOS FET
RTM002P02T2L ROHM-RTM002P02T2L Datasheet
82Kb / 3P
2.5V Drive Pch MOS FET
RTE002P02TL ROHM-RTE002P02TL Datasheet
58Kb / 4P
2.5V Drive Pch MOS FET
QS5U23TR ROHM-QS5U23TR Datasheet
80Kb / 6P
2.5V Drive Pch SBD MOS FET
RTR025P02FRA ROHM-RTR025P02FRA Datasheet
1Mb / 7P
2.5V Drive Pch MOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com