Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40430 Datasheet(PDF) 1 Page - Heyco.

Part # 40430
Description  Heyco® PG Hub Liquid Tight Cordgrip DIN 40430 Specifications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

40430 Datasheet(HTML) 1 Page - Heyco.

  40430 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“Stay Connected” with
Liquid Tight Cordgrips
®
3-57
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
THREAD
PART DIMENSIONS
SIZE AND TYPE
Outside
Pitch
Root
Pitch
No. of
Thread
Thread
Dia.
Dia.
Dia.
Threads
Height
Radius
d=D
d2=D2
d1=D1
PZ
H1
R
PG 7
12,5
11,89
11,28
1,270
20
0,61
0,14
PG 9
15,2
14,53
13,86
1,410
18
0,67
0,15
PG 11
18,6
17,93
17,26
1,410
18
0,67
0,15
PG 13,5
20,4
19,73
19,06
1,410
18
0,67
0,15
PG 16
22,5
21,83
21,16
1,410
18
0,67
0,15
PG 21
28,3
27,54
26,78
1,588
16
0,76
0,17
PG 29
37,0
36,24
35,48
1,588
16
0,76
0,17
PG 36
47,0
46,24
45,48
1,588
16
0,76
0,17
PG 42
54,0
53,24
52,48
1,588
16
0,76
0,17
PG 48
59,3
58,54
57,78
1,588
16
0,76
0,17
Heyco
® PG Hub Liquid Tight Cordgrip
DIN 40430 Specifications
Machined Steel Pipe Thread – Nominal Sizes (mm)
THREAD
PART DIMENSIONS
SIZE AND
M A L E
F E M A L E
TYPE
Outside Dia.
Pitch Dia.
Root Dia.
Outside Dia.
Pitch Dia.
Root Dia.
d
d2
d1
D
D2
D1
max.
min.
max.
min.
max.
min.
max.
min.
max.
min.
max.
min.
PG 7
12,5
12,3
11,89
11,69
11,28
11,08
12,65
12,5
12,04
11,89
11,43
11,28
PG 9
15,2
15,0
14,53
14,33
13,86
13,66
15,35
15,2
14,68
14,53
14,01
13,86
PG 11
18,6
18,4
17,93
17,73
17,26
17,06
18,75
18,6
18,08
17,93
17,41
17,26
PG 13,5
20,4
20,2
19,73
19,53
19,06
18,86
20,55
20,4
19,88
19,73
19,21
19,06
PG 16
22,5
22,3
21,83
21,63
21,16
20,96
22,65
22,5
21,98
21,83
21,31
21,16
PG 21
28,3
28,0
27,54
27,24
26,78
26,48
28,55
28,3
27,79
27,54
27,03
26,78
PG 29
37,0
36,7
36,24
35,94
35,48
35,18
37,25
37,0
36,49
36,24
35,73
35,48
PG 36
47,0
46,7
46,24
45,94
45,48
45,18
47,25
47,0
46,49
46,24
45,73
45,48
PG 42
54,0
53,7
53,24
52,94
52,48
52,18
54,25
54,0
53,49
53,24
52,73
52,48
PG 48
59,3
59,0
58,54
58,24
57,78
57,48
59,55
59,3
58,79
58,54
58,03
57,78
Machined Steel Pipe Thread – Limits (mm)
Plastic Threads may have Modified Tolerances
H
1
d
d
2 d
1
MALE
80
FEMALE
P
D
2
D
1
D
r
.1
H
.1
H
H/2
H/2
H
P=
25,4
–––
r=0,107P
H=0,595875P
H
1
=0,8H=0,4767P


Similar Part No. - 40430

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
40430 NJSEMI-40430 Datasheet
140Kb / 1P
   Thyrlstors
logo
Xicor Inc.
40430A XICOR-40430A Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
40430B XICOR-40430B Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
40430C XICOR-40430C Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
40430X XICOR-40430X Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - 40430

ManufacturerPart #DatasheetDescription
logo
Heyco.
0150 HEYCO-0150 Datasheet
115Kb / 1P
   Heyco® Liquid Tight Cordgrips
M3228GAP HEYCO-M3228GAP Datasheet
123Kb / 1P
   Heyco®-Tite Liquid Tight Cordgrips
M3231GAB HEYCO-M3231GAB Datasheet
212Kb / 1P
   Heyco®-Tite Liquid Tight Cordgrips
M3200GBH HEYCO-M3200GBH Datasheet
274Kb / 1P
   Heyco®-Tite Liquid Tight Cordgrips
4500 HEYCO-4500 Datasheet
469Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
LTCG HEYCO-LTCG Datasheet
92Kb / 1P
   Heyco® Liquid Tight Cordgrips Torque Chart
14945 HEYCO-14945 Datasheet
90Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
logo
List of Unclassifed Man...
3211 ETC2-3211 Datasheet
246Kb / 2P
   Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
logo
Heyco.
3297 HEYCO-3297 Datasheet
186Kb / 1P
   Heyco® Liquid Tight Cordgrips LabKit #8
4530 HEYCO-4530 Datasheet
393Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com