Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIT150M200 Datasheet(PDF) 2 Page - NTE Electronics

Part # SIT150M200
Description  105 SNAP-IN ALUMINUM ELECTROLYTIC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

SIT150M200 Datasheet(HTML) 2 Page - NTE Electronics

  SIT150M200 Datasheet HTML 1Page - NTE Electronics SIT150M200 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
105
°C SNAP–IN ALUMINUM ELECTROLYTIC
SIT SERIES
15
NTE Electronics, Inc.
D Voice (800) 631–1250 (973) 748–5089 D FAX (973) 748–6224 D http://www.nteinc.com
SIT Series Dimensions: Diameter (D Ø) x Length (L): mm
WV
Cap (
µf)
50
200
250
100
22 x 20
22 x 30
150
22 x 30
22 x 40
220
22 x 40
22 x 50
330
22 x 50
22 x 40
470
22 x 40
30 x 35
560
22 x 45
25 x 50
680
22 x 45
30 x 45
820
25 x 50
30 x 50
1000
22 x 25
30 x 45
35 x 45
1500
35 x 50
2200
22 x 40
3300
22 x 50
4700
22 x 45
6800
30 x 50
8200
30 x 45
10000
30 x 50
*
These dimensions are for reference only, please consult the factory for actual size.


Similar Part No. - SIT150M200

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1532 SITIME-SIT1532 Datasheet
773Kb / 12P
Smallest Footprint (1.2mm2) CSP 10 ppm Ultra-Low Power 32.768 kHz XTAL Replacement
SIT1533 SITIME-SIT1533 Datasheet
895Kb / 13P
20 ppm, Ultra-Low Power 32.768 kHz Quartz XTAL Replacement
SIT1534 SITIME-SIT1534 Datasheet
843Kb / 12P
Ultra-Small, Ultra-Low Power 1 Hz ??32.768 kHz Programmable Oscillator
SIT1552 SITIME-SIT1552 Datasheet
727Kb / 11P
Smallest (1.2mm2), Smallest (1.2mm2), Ultra-Low Power, 32.768 kHz
SIT1566 SITIME-SIT1566 Datasheet
833Kb / 9P
1.2mm2 uPower, Low-Jitter, 3 & 5 ppm, 32.768 kHz Super-TCXO
More results

Similar Description - SIT150M200

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3 Datasheet
1Mb / 8P
105 쨘C Aluminum Electrolytic Snap-In Capacitors
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
105 ?C Snap-In Aluminum Electrolytic Capacitors
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
Type SLP 105 째C Snap-In Aluminum Electrolytic
logo
RFE international
LSM RFE-LSM Datasheet
830Kb / 7P
Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
AUG-30-2023
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
81DA VISHAY-81DA Datasheet
61Kb / 3P
Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
logo
RFE international
LSG RFE-LSG Datasheet
575Kb / 4P
Aluminum Electrolytic Capacitors LSG Series: Snap-in Terminal Type, 105°C
8-FEB-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com