Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8449 Datasheet(PDF) 1 Page - Heyco.

Part # 8449
Description  Heyco-Flex™ II Liquid Tight Tubing
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

8449 Datasheet(HTML) 1 Page - Heyco.

  8449 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“Stay Connected” with
Liquid Tight Conduit, Tubing & Fittings
®
2-8
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
B
A
PN 8340
Material
PVC
Certifications
Recognized under the Component Program
of Underwriters’ Laboratories File E121095
Certified by Canadian Standards Association File 233010
Flammability Rating
VW1
Temperature Range
-.4°F (-18°C) to 158°F (70°C)
Heyco-Flex™ II Liquid Tight Tubing
Flexible, Nonmetallic Liquid Tight Electrical Tubing
TRADE
PART NO.
DESCRIPTION
PART DIMENSIONS
STANDARD
SIZE
AB
COIL LENGTH
Black
Outside
Inside
ft/coil
Diameter
Diameter
in.
mm.
in.
mm.
1/4
8449
HF2 1/4
.57
14,4
.40
10,0
3/8
8450
HF2 3/8
.70
17,8
.49
12,5
1/2
8451
HF2 1/2
.83
21,1
.63
16,1
3/4
8452
HF2 3/4
1.04
26,4
.83
21,1
100
1
8453
HF2 1
1.30
33,1
1.05
26,8
1-1/4
8454
HF2 1-1/4
1.65
41,8
1.40
35,4
1-1/2
8455
HF2 1-1/2
1.88
47,8
1.59
40,3
2
8456
HF2 2
2.36
59,9
2.03
51,6
50
Standard color black.
Consult Heyco for Cut to Length Availability.
• Maximum flexibility; can be used in
extremely tight quarters.
• Smooth inside for easier wire pulling.
• Lightweight and lower installed cost.
• Integral rigid and flexible
PVC construction.
• Use with nylon Heyco-Flex
Connectors: Straight, Snap-in, or
Sweep. See pages 2-9 to 2-11.
• Also use with Quick Twist Fittings.
See pages 2-13 and 2-14.
• 1/4˝ thru 2˝ trade sizes.
• Resists corrosion, oil, and water.
• UV resistant.
• Suitable for use in high vibration or
flexing applications:
- Automotive Equipment
- Computers and Peripherals
- Fiber Optics
- Lab Equipment
- Lasers
- Office Equipment
- Processing Control and
Monitoring Equipment
- Robotics
- White Goods
• Passes submersion test of 70 psi.
• Voltage Rating: 300V.
• Mounting brackets are available,
see page 2-19.
• Order Part No. 8340, HF-28 Cutting
Tool, for cutting Heyco-Flex tubing
and conduit cleanly and evenly.
Quick
Specs


Similar Part No. - 8449

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8449 FILTRAN-8449 Datasheet
148Kb / 1P
LAN 10/100 Base-T Single Port Transformer Module
logo
API Technologies Corp
8449 APITECH-8449 Datasheet
628Kb / 1P
10/100 BASE-T Single Port Transformer Module
logo
PHOENIX CONTACT
8449 PHOENIX-8449 Datasheet
301Kb / 18P
AXL E PN DI8 DO4 2A M12 6P
logo
Weidmuller
8449220000 WEIDMULLER-8449220000 Datasheet
744Kb / 20P
Component Carriers and Housings
8449220000 WEIDMULLER-8449220000 Datasheet
733Kb / 20P
Component Carriers and Housings
More results

Similar Description - 8449

ManufacturerPart #DatasheetDescription
logo
Heyco.
8478 HEYCO-8478 Datasheet
154Kb / 1P
Heyco-Flex™ III Nylon 94V-0 Corrugated Liquid Tight Tubing
8423 HEYCO-8423 Datasheet
109Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
8457 HEYCO-8457 Datasheet
125Kb / 1P
Heyco-Flex™ VI Liquid Tight Conduit
8382 HEYCO-8382 Datasheet
179Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
1952 HEYCO-1952 Datasheet
126Kb / 1P
Heyco-Flex™ III Liquid Tight Fittings
8398 HEYCO-8398 Datasheet
130Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
8430 HEYCO-8430 Datasheet
123Kb / 1P
Heyco-Flex™ I Liquid Tight Conduit
4028 HEYCO-4028 Datasheet
156Kb / 1P
Heyco-Flex™ VI Liquid Tight Conduit Fittings
9786 HEYCO-9786 Datasheet
142Kb / 1P
Heyco-Flex™ Zinc Die-Cast Liquid Tight Conduit Fittings
1635B HEYCO-1635B Datasheet
112Kb / 1P
Heyco-Flex™ V Nylon Slit Tubing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com