Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8382 Datasheet(PDF) 1 Page - Heyco.

Part # 8382
Description  Heyco-Flex™ Liquid Tight Conduit Fittings
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

8382 Datasheet(HTML) 1 Page - Heyco.

  8382 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“Stay Connected” with
Liquid Tight Conduit, Tubing & Fittings
®
Quick
Specs
2-10
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
E
C
B
D
DOMED
SEALING NUT
FOAM
SEALING WASHER
(INCLUDED)
A
MOUNTING HOLE
.062 (1,6mm)
.032 (0,8mm)
.093 (2,4mm)
.125 (3,2mm)
PANEL
THICKNESS RANGE
NO
DIS
AS
SE
M
BLY
RE
QU
IR
ED
Domed
Sealing Nut
Designed
for Easy
Hand Tightening
Special Clip
Provides
Maximum
Pull Out
Resistance
Convex Ferrule
Provides Easy
Insertion and
Liquid Tight Seal
Locking Fingers
on Body
Accommodate
Wide Range of
Panel Thicknesses
Foam Sealing
Washer
Heyco-Flex™ Liquid Tight Conduit Fittings
For Flexible, Nonmetallic Liquid Tight Heyco-Flex™ I Conduit and Heyco-Flex™ II Tubing
Straight-Thru, Snap-In Hubs
FITS
PART NO. DESCRIPTION
PART DIMENSIONS
CONDUIT/
AB
C
D
E
TUBING
Black
Mounting
Max O.A.
Body
Wrenching
TRADE
Hole Dia.
Length
Length
Nut Thk.
Flat Size
SIZE
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
1/4
8382
HFC 1/4-S
.500
12,7
1.50
38,1
.45
11,3
.22
5,6
.88
22,2
3/8
8384
HFC 3/8-S
.875
22,2
2.00
50,8
.63
15,9
.25
6,3
1.33
33,7
1/2
8386
HFC 1/2-S
3/4
8388
HFC 3/4-S
1.090
27,7
2.03
51,6
.63
15,9
.25
6,3
1.56
39,7
1
8390
HFC 1-S
1.375
34,9
2.25
57,1
.78
19,8
.25
6,3
1.81
46,0
• Assembly friendly! The installer
simply pushes the conduit or tubing
onto the ferrule, then tightens the
domed sealing nut. This completed
assembly can then be snapped into
the panel with fingertip pressure.
• Convex ferrule ensures liquid tight seal.
• No threading of the conduit or tubing
required to install. This eliminates the
possibility of cutting the conduit and
creating leak paths.
• Complete conduit/fitting system is
reusable. Conduit will not wind tight
onto the connector during assembly
and can be easily removed by pulling
while turning in a clockwise direction.
• Multiple sizes for use with
Heyco-Flex Conduit and Tubing.
See pages 2-7 and 2-8.
• Suitable for indoor/outdoor use; for
original equipment manufacturers or
field installers.
• Resist salt water, weak acids,
gasoline, alcohol, oil, grease, and
common solvents. (This feature is
not assessed by UL certification
or testing.)
• Foam sealing washer included.
Material
Nylon 6/6
Certifications
Listed under Underwriters’ Laboratories File E28430
Certified by Canadian Standards Association
File 84579 and 81067
Flammability Rating
94V-2
Temperature Range
-22°F (-30°C) to 221°F (105°C)
IP Rating
IP 68 up to 70 psi (5 bar) water pressure
Standard color black.


Similar Part No. - 8382

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
83821E3 VISHAY-83821E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
logo
Murata Manufacturing Co...
83823C MURATA-83823C Datasheet
167Kb / 2P
   Toroidal Surface Mount Power Inductors
More results

Similar Description - 8382

ManufacturerPart #DatasheetDescription
logo
Heyco.
8398 HEYCO-8398 Datasheet
130Kb / 1P
   Heyco-Flex™ Liquid Tight Conduit Fittings
8423 HEYCO-8423 Datasheet
109Kb / 1P
   Heyco-Flex™ Liquid Tight Conduit Fittings
4028 HEYCO-4028 Datasheet
156Kb / 1P
   Heyco-Flex™ VI Liquid Tight Conduit Fittings
9786 HEYCO-9786 Datasheet
142Kb / 1P
   Heyco-Flex™ Zinc Die-Cast Liquid Tight Conduit Fittings
1952 HEYCO-1952 Datasheet
126Kb / 1P
   Heyco-Flex™ III Liquid Tight Fittings
8457 HEYCO-8457 Datasheet
125Kb / 1P
   Heyco-Flex™ VI Liquid Tight Conduit
8430 HEYCO-8430 Datasheet
123Kb / 1P
   Heyco-Flex™ I Liquid Tight Conduit
8500 HEYCO-8500_V01 Datasheet
143Kb / 1P
   Heyco-Flex™ Quick Twist Conduit Fittings
8515 HEYCO-8515 Datasheet
136Kb / 1P
   Heyco-Flex™ Quick Twist Conduit Fittings
8500 HEYCO-8500 Datasheet
151Kb / 1P
   Heyco-Flex™ Quick Twist Conduit Fittings
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com