Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1952 Datasheet(PDF) 1 Page - Heyco.

Part # 1952
Description  Heyco-Flex™ III Liquid Tight Fittings
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

1952 Datasheet(HTML) 1 Page - Heyco.

  1952 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“Stay Connected” with
Liquid Tight Conduit, Tubing & Fittings
®
Quick
Specs
2-2
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
D
C
B
A
SUGGESTED CLEARANCE HOLE
FOR NON-THREADED MOUNTING
OPTIONAL SEALING WASHER
E
LOCKNUT
• For use with Heyco-Flex III Corrugated
Tubing in trade sizes 3/8˝ through 1˝.
See page 2-1.
• Nontoxic and UV resistant.
• Rated for NEMA 4 and 4X applications
when used with Heyco-Flex III Tubing.
• Rated for NEMA Type 3R applications.
• Easy, permanent assembly between
the tubing and fittings: push the
tubing over the fitting ferrule until
the tubing clicks into place.
• Lightweight and lower installed cost.
• Quick and easy installation.
• Suitable for use in high vibration or
flexing applications (automotive
equipment, fiber optics, computer
and peripherals, lab equipment,
robotics, etc.).
• Resist salt water, weak acids,
gasoline, alcohol, oil, grease, and
common solvents. This feature is not
assessed by UL certification or testing.
• For use in both wet and
dry applications.
• If using a tapped hole, Teflon® tape is
needed on the threads of the connector,
for all other applications an O-ring and
Locknut are needed to attain liquid tight.
• Use of an O-ring may be required
for a complete liquid tight system
with a non-threaded mounting hole.
See page 2-20.
• Locknuts included with Straight-Thru
fittings.
• To order metal or nylon locknuts
separately, see pages 2-17 & 2-18.
• Patented.
Heyco-Flex™ III Liquid Tight Fittings
For Flexible, Nonmetallic Liquid Tight Tubing
Straight-Thru, Snap -in and NPT Hubs
Material
Nylon 6/6
Certifications
Certified to both Canadian and U.S. Requirements File E121095
Flammability Rating
94V-2
Temperature Range
-22°F (-30°C) to 221°F (105°C)
IP Rating
IP 64
*Part is not liquid tight or UL Recognized. “Thread Length” indicates length below flange.
A
D
B
C
E
SUGGESTED CLEARANCE HOLE
FOR NON-THREADED MOUNTING
FITS
PART NO.
DESCRIPTION THREAD
PART DIMENSIONS
TUBING
SIZE
AB
C
D
E
TRADE
Black
Clearance
Max O.A.
Max O.A.
Thread
Flange
SIZE
Hole
Height
Length
Length
Dia.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
3/8
1955
HF3C 3/8-90R
1/2
.875
22,2
1.75
44,5
2.74
69,6
.52
13,2
1.23
31,2
1/2
1956
HF3C 1/2-90R
1/2
3/4
1957
HF3C 3/4-90R
3/4
1.109
28,2
2.10
53,3
3.08
78,2
.52
13,2
1.50
38,1
1
1958
HF3C 1-90R
1
1.375
34,9
2.67
67,8
3.66
93,0
.69
17,5
1.80
45,7
Standard color black.
90° Sweep, NPT Hubs
FITS
PART NO.
DESCRIPTION THREAD
PART DIMENSIONS
TUBING
SIZE
AB
C
D
E
TRADE
Black
Clearance
Max O.A.
Thread
Wrenching
SIZE
Hole
Length
Length
Nut Thk.
Flat Size
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
Snap-in Hub*
1/2
1952
HF3C 1/2-S
N/A
.875
22,2
1.38
35,1
.39
9,9
.09
2,3
.97
24,6
NPT Hubs
3/8
9146
HF3C 3/8
1/2
.875
22,2
1.72
43,7
.63
16,0
.20
5,1
1.16
29,5
1/2
9147
HF3C 1/2
1/2
3/4
9148
HF3C 3/4
3/4
1.109
28,2
1.84
46,7
.63
16,0
.20
5,1
1.36
34,5
1
9149
HF3C 1
1
1.375
34,9
1.99
50,6
.78
19,8
.20
5,1
1.62
41,1


Similar Part No. - 1952

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1952-3T ALPHAWIRE-1952-3T Datasheet
408Kb / 4P
18 (41/34) AWG BC
1952/3T ALPHAWIRE-1952/3T Datasheet
98Kb / 4P
Customer Specification
12/12/2022
1952/3T ALPHAWIRE-1952/3T Datasheet
408Kb / 4P
18 (41/34) AWG BC
logo
PHOENIX CONTACT
1952021 PHOENIX-1952021 Datasheet
77Kb / 4P
Printed-circuit board connector - FMC 1,5/ 2-ST-3,5-RF
1952034 PHOENIX-1952034 Datasheet
77Kb / 4P
Printed-circuit board connector - FMC 1,5/ 3-ST-3,5-RF
More results

Similar Description - 1952

ManufacturerPart #DatasheetDescription
logo
Heyco.
8423 HEYCO-8423 Datasheet
109Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
8382 HEYCO-8382 Datasheet
179Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
8398 HEYCO-8398 Datasheet
130Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
4028 HEYCO-4028 Datasheet
156Kb / 1P
Heyco-Flex™ VI Liquid Tight Conduit Fittings
9786 HEYCO-9786 Datasheet
142Kb / 1P
Heyco-Flex™ Zinc Die-Cast Liquid Tight Conduit Fittings
8457 HEYCO-8457 Datasheet
125Kb / 1P
Heyco-Flex™ VI Liquid Tight Conduit
8449 HEYCO-8449 Datasheet
190Kb / 1P
Heyco-Flex™ II Liquid Tight Tubing
8430 HEYCO-8430 Datasheet
123Kb / 1P
Heyco-Flex™ I Liquid Tight Conduit
8478 HEYCO-8478 Datasheet
154Kb / 1P
Heyco-Flex™ III Nylon 94V-0 Corrugated Liquid Tight Tubing
8500 HEYCO-8500_V01 Datasheet
143Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com