Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0150 Datasheet(PDF) 1 Page - Heyco.

Part # 0150
Description  Heyco® Liquid Tight Cordgrips
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

0150 Datasheet(HTML) 1 Page - Heyco.

  0150 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“Stay Connected” with
Liquid Tight Cordgrips
®
3-56
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
SEALING NUT
BODY HEX
LOCKNUT
(optional with NPT thread)
1.
Be sure that hole is free of burrs and panel surface around hole is smooth
and free of debris.
2.
Using the hex portion on the body (not the sealing nut), screw the fitting
tightly into the threaded mounting hole.
3.
Insert the cable through the fitting to the desired position.
4.
Hand-tighten the SEALING nut as far as possible. Hold the BODY hex
stationary with a wrench. Using a second wrench, tighten the SEALING nut
until the wire is securely held in place.
5.
Using a wrench on the BODY hex, check to make sure the fitting is still
screwed tightly into the panel.
6.
To disassemble for cable replacement, use a wrench to hold the BODY
hex stationary and loosen the SEALING nut with a second wrench. Grip
the disconnected cable and pull while turning the cable in the counter-
clockwise direction.
Heyco
® Liquid Tight Cordgrips
INSTALLATION INSTRUCTIONS for THREADED mounting holes:
For torque information, see page 3-58 or visit the Cordgrips section on www.heyco.com.
SEALING NUT
BODY HEX
INTEGRAL
SEALING RING
LOCKNUT
(optional with NPT thread)
Original Series-35
Heyco-Tite
THREAD TYPE
TAP DRILL
DESCRIPTION
PART NO.
PART DIMENSIONS
AND SIZE
DIAMETER
Starting
Finishing
Major
Length
mm.
Diameter
Overall
Thread
mm.
mm.
mm.
PG 7
11,5
PG T 7
0150
0151
12,5
63,0
20,0
PG 9
14,0
PG T 9
0153
0154
15,2
70,0
20,0
PG 11
17,3
PG T 11
0156
0157
18,6
80,0
22,0
PG 13.5
19,0
PG T 13.5
0159
0160
20,4
80,0
22,0
PG 16
21,3
PG T 16
0162
0163
22,5
80,0
22,0
PG 21
27,0
PG T 21
0165
0166
28,3
90,0
22,0
PG 29
35,5
PG T 29
0168
0169
37,0
110,0
25,0
*See page 3-49 for DIN 40430 Specifications.
Heyco
® PG Thread Taps
For Steel Conduit Threads per DIN 40430*
• Use a starting tap for through-hole
applications.
• For blind holes, thread first with a
starting tap; finish bottoming the
threads with a finishing tap.
• Flank angle 80°.
• Made of high-speed steel with
ground threads for greater accuracy
to assure optimum performance.
• Suitable for cutting alloy steel,
bronze, and stainless.


Similar Part No. - 0150

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
01500.2-00 STEGO-01500.2-00 Datasheet
1Mb / 1P
SMART SENSOR DISTANCE
02.02.2024
logo
AG Electronica
015000151-0 AGELECTRONICA-015000151-0 Datasheet
412Kb / 1P
Adaptadores para cargador de baterías 10 en 1.
27/10/2015
logo
Littelfuse
01500079Z LITTELFUSE-01500079Z Datasheet
164Kb / 1P
For Low Voltage 3AG or SFE Fuse Applications
01500079Z-ND LITTELFUSE-01500079Z-ND Datasheet
164Kb / 1P
For Low Voltage 3AG or SFE Fuse Applications
01500145 LITTELFUSE-01500145 Datasheet
164Kb / 1P
For Low Voltage 3AG or SFE Fuse Applications
More results

Similar Description - 0150

ManufacturerPart #DatasheetDescription
logo
Heyco.
3297 HEYCO-3297 Datasheet
186Kb / 1P
Heyco® Liquid Tight Cordgrips LabKit #8
4500 HEYCO-4500 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
4530 HEYCO-4530 Datasheet
393Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
4560 HEYCO-4560 Datasheet
267Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
14890 HEYCO-14890 Datasheet
84Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
14945 HEYCO-14945 Datasheet
90Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
LTCG HEYCO-LTCG Datasheet
92Kb / 1P
Heyco® Liquid Tight Cordgrips Torque Chart
M3200GBH HEYCO-M3200GBH Datasheet
274Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
M3228GAP HEYCO-M3228GAP Datasheet
123Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
M3231GAB HEYCO-M3231GAB Datasheet
212Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com