Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE83C92A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NE83C92A
Description  Low-power coaxial Ethernet transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE83C92A Datasheet(HTML) 3 Page - NXP Semiconductors

  NE83C92A Datasheet HTML 1Page - NXP Semiconductors NE83C92A Datasheet HTML 2Page - NXP Semiconductors NE83C92A Datasheet HTML 3Page - NXP Semiconductors NE83C92A Datasheet HTML 4Page - NXP Semiconductors NE83C92A Datasheet HTML 5Page - NXP Semiconductors NE83C92A Datasheet HTML 6Page - NXP Semiconductors NE83C92A Datasheet HTML 7Page - NXP Semiconductors NE83C92A Datasheet HTML 8Page - NXP Semiconductors NE83C92A Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Philips Semiconductors
Product specification
NE83C92
Low-power coaxial Ethernet transceiver
1995 May 1
3
BLOCK DIAGRAM
RECEIVER
AC–DC SQUELCH
TRANSMITTER
TRANSMITTER
SQUELCH
COLLISION
COMPARATOR
&
HEARTBEAT
GENERATOR
JABBER
TIMER
RECEIVER
EQUALIZER
4–POLE BESSEL
LOW PASS FILTER
SENSE
BUFFER
10MHz
OSC
LINE
DRIVER
COAX
CABLE
BUFFER
LINE
DRIVER
HEARTBEAT ENABLE
COLLISION
PAIR
(CD+, CD–)
TRANSMIT
PAIR
(TX+, TX–)
RECEIVE
PAIR
(RX+, RX–)
DTE
INTERFACE
RXI
TXO
CDS
SD00274
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VEE
Supply voltage1
–12
V
VIN
Voltage at any input1
0 to –12
V
TSTG
Storage temperature range
–65 to +150
°C
TSOLD
Lead soldering temperature (10sec.)
+300
°C
TJ
Recommended max junction temperature2
+150
°C
θJA
Thermal impedance (N and A packages)
60
°C/W
NOTE:
1. 100% measured in production.
2. The junction temperature is calculated from the following expression:
TJ = TA + θJA [(VEE x 0.015 x nIDL) + (VEE x 0.018 x nRX) + (VEE x 0.066 x nTX)]
where
TA
= Ambient temperature in
°C.
θJA = Thermal resistance of package.
VEE = Normal operating supply voltage in volts.
nIDL = Percentage of duty cycle idle
nRX = Percentage of duty cycle receiving
nTX = Percentage of duty cycle transmitting


Similar Part No. - NE83C92A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE8392 PHILIPS-NE8392 Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
NE8392C PHILIPS-NE8392C Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
NE8392CA PHILIPS-NE8392CA Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
NE8392CN PHILIPS-NE8392CN Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
NE83Q92 PHILIPS-NE83Q92 Datasheet
137Kb / 9P
   Low-power coaxial Ethernet transceiver
1995 May 1
More results

Similar Description - NE83C92A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE83Q92 PHILIPS-NE83Q92 Datasheet
137Kb / 9P
   Low-power coaxial Ethernet transceiver
1995 May 1
logo
List of Unclassifed Man...
78Q8392L-CP ETC-78Q8392L-CP Datasheet
54Kb / 12P
   Low Power Ethernet Coaxial Transceiver
logo
Teridian Semiconductor ...
78Q8392L TERIDIAN-78Q8392L Datasheet
298Kb / 14P
   Low Power Ethernet Coaxial Transceiver
logo
NXP Semiconductors
NE83Q93 PHILIPS-NE83Q93 Datasheet
90Kb / 11P
   Enhanced coaxial Ethernet transceiver
1995 May 1
NE8392C PHILIPS-NE8392C Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
logo
List of Unclassifed Man...
AC104QF ETC2-AC104QF Datasheet
305Kb / 37P
   Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
AC1040F ETC2-AC1040F Datasheet
327Kb / 37P
   Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
logo
Texas Instruments
DP83825I TI1-DP83825I Datasheet
861Kb / 78P
[Old version datasheet]   Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
TLK1221 TI-TLK1221 Datasheet
854Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVER
logo
Cirrus Logic
CS8904 CIRRUS-CS8904 Datasheet
1Mb / 34P
   ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com