Electronic Components Datasheet Search |
|
NE83C92A Datasheet(PDF) 1 Page - NXP Semiconductors |
|
|
NE83C92A Datasheet(HTML) 1 Page - NXP Semiconductors |
1 / 9 page Philips Semiconductors Product specification NE83C92 Low-power coaxial Ethernet transceiver 1 1995 May 1 853-1736 15180 DESCRIPTION The NE83C92 is a low power BiCMOS coaxial transceiver interface (CTI) for Ethernet (10base5) and Thin Ethernet (10base2) local area networks. The CTI is connected between the coaxial cable and the Data Terminal Equipment (DTE) and consists of a receiver, transmitter, receive-mode collision detector, heartbeat generator and jabber timer (see Block Diagram). The transmitter output connects directly to a doubly terminated 50 Ω cable, while the receiver output, collision detector output and transmitter input are connected to the DTE through isolation transformers. Isolation between the CTI and the DTE is an IEEE 802.3 requirement that can be met on signal lines by using a set of pulse transformers. Power isolation for the CTI is achieved using DC-to-DC conversion through a power transformer. The part is fully pin compatible with the industry standard 8392, but has substantially lower current consumption, is fully compliant with the IEEE802.3 standard, and has additional features such as automatic selection between AUI and coaxial connections, and requires no external pull-down resistors for local integrated MAU application. The NE83C92 is manufactured on an advanced BiCMOS process and is available with PLCC package which make it ideally suited to lap-top personal computers or systems where low power consumption, limited board space and jumperless design is required. Refer to selection flow chart for optimal application. FEATURES • Fully compliant with Ethernet II, IEEE 802.3 10BASE-5 and 10BASE-2, and ISO 8802/3 interface specifications • 100% drop-in compatible with industry standard 8392 sockets • Optimal implementation can use 1 Watt DC-DC converter and reduces external part count (local/integrated MAU requires no external pull-down resistors). • High efficiency AUI drivers automatically power-down under idle conditions to minimize current consumption • Automatically disabling AUI drivers when disconnecting coax cable, allowing hardwiring of AUI connection and local/integrated CTI connection • Smart squelch on data inputs eliminates false activations • Advanced BiCMOS process for extremely low power operation PIN CONFIGURATION CD+ 1 CD– 2 RX+ 3 VEE 4 VEE 5 RX– 6 TX+ 7 TX– 8 16 CDS 15 TXO 14 RXI 13 VEE 12 RR– 11 RR+ 10 GND 9 HBE N Packages 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 V EE V EE V EE V EE V EE V EE V EE V EE V EE V EE V EE V EE RR– A PACKAGE VEE SD00308 • Available in 16-pin DIP, and 28-pin PLCC packages • Expanded version (NE83Q93) with 5 LED status drivers is available for repeater and advanced system applications • Full ESD protection • Power-on reset prevents glitches on coaxial cable during power-up ORDERING INFORMATION DESCRIPTION TEMPERATURE RANGE ORDER CODE DWG # 16-Pin Plastic Dual In-Line Package 0 to +70 °C NE83C92N SOT28-4 28-Pin Plastic Leaded Chip Carrier 0 to +70 °C NE83C92A SOT261-3 |
Similar Part No. - NE83C92A |
|
Similar Description - NE83C92A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |