Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE83C92A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NE83C92A
Description  Low-power coaxial Ethernet transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE83C92A Datasheet(HTML) 7 Page - NXP Semiconductors

  NE83C92A Datasheet HTML 1Page - NXP Semiconductors NE83C92A Datasheet HTML 2Page - NXP Semiconductors NE83C92A Datasheet HTML 3Page - NXP Semiconductors NE83C92A Datasheet HTML 4Page - NXP Semiconductors NE83C92A Datasheet HTML 5Page - NXP Semiconductors NE83C92A Datasheet HTML 6Page - NXP Semiconductors NE83C92A Datasheet HTML 7Page - NXP Semiconductors NE83C92A Datasheet HTML 8Page - NXP Semiconductors NE83C92A Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Philips Semiconductors
Product specification
NE83C92
Low-power coaxial Ethernet transceiver
1995 May 1
7
POR/Under Voltage Lockout/AUI Selection
The transmit and receive squelch circuits of the NE83C92 remain
active if the absolute value of VEE is less than the threshold for
under voltage lockout, VUVL. This prevents glitches from appearing
on either the AUI or coaxial cable during power up and power down.
There is no collision announcement during power up and the
transceiver waits for 400ms before becoming enabled.
If RXI is disconnected from the coaxial cable after power-up, its
voltage will fall towards VEE. If the absolute value of this voltage
exceeds the AUI disable voltage, VDIS, for longer than 800ms, the
transmit and receive squelch circuits remain active and, in addition,
the AUI drivers become high impedance. This permits AUI
connections to be hard wired together, e.g., the coaxial transceiver
and 10BASE-T transceiver, with the signal path determined by
which transceiver is connected to its external cable.
There is a 400ms collision announcement on disconnecting RXI, but
there is no announcement on re-connection. This feature can be
disabled by pulling RXI up with a 200k
Ω to ground.
Detection of Coaxial Cable Faults
In the NE83C92 there is no internal loopback path from the TX
inputs to the RX outputs. This means that, when the local DTE is
transmitting, the signal will only be present at the receiver outputs
RX+ and RX– if it appears on the coaxial cable and is larger than
the receiver squelch threshold VRS. If a short circuit fault condition
occurs at the cable connector to the CTI, then no signal will appear
at the receiver outputs.
In the case of an open circuit at the coaxial cable connector there
will also be no signal at the receiver outputs due to the AUI disabling
mode of the NE83Q92. However, a heartbeat signal will be present
following a transmission attempt for the short circuit condition, but
not for the open circuit.
A coaxial cable with only a single 50
Ω termination will generate a
collision not only at every transmission attempt, but also for every
reception attempt due to the receive mode collision detection of the
NE83C92.
CD+
CD–
RX+
VEE
VEE
RX–
TX+
TX–
HBE
GND
RR+
VEE
RXI
TXO
CDS
RR–
500
500
500
500
+
9V (ISOLATED)
DC TO DC
CONVERTER
<200mA
78
TRANSMIT
PAIR
RECEIVE
PAIR
COLLISION
PAIR
12 TO 15V DC
1k
Ω 1%
(NOTE 2)
NOTES:
1. T1 is a 1:1 pulse transformer, with an inductance of 30 to 100
µH.
2. IN916 or equivalent for Ethernet, not required for Thin Ethernet.
3. 78
Ω resistors not required if AUI cable not present.
4. Not required for optimal integrated/local MAU application (No AUI cable, see Note 3), minimum current consumption.
5. Install 200k
Ω to disable the 400ms collision announcement when disconnecting cable.
78
78
NE83C92
CTI
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
4
5
7
8
16
15
13
12
10
9
T1 (NOTE 1)
COAX
AUI
CABLE
(NOTE 3)
SD00309
(NOTE 4)
200k
(NOTE 5)
Figure 1. Connection Diagram for Standard 8392 Applications


Similar Part No. - NE83C92A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE8392 PHILIPS-NE8392 Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
NE8392C PHILIPS-NE8392C Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
NE8392CA PHILIPS-NE8392CA Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
NE8392CN PHILIPS-NE8392CN Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
NE83Q92 PHILIPS-NE83Q92 Datasheet
137Kb / 9P
   Low-power coaxial Ethernet transceiver
1995 May 1
More results

Similar Description - NE83C92A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE83Q92 PHILIPS-NE83Q92 Datasheet
137Kb / 9P
   Low-power coaxial Ethernet transceiver
1995 May 1
logo
List of Unclassifed Man...
78Q8392L-CP ETC-78Q8392L-CP Datasheet
54Kb / 12P
   Low Power Ethernet Coaxial Transceiver
logo
Teridian Semiconductor ...
78Q8392L TERIDIAN-78Q8392L Datasheet
298Kb / 14P
   Low Power Ethernet Coaxial Transceiver
logo
NXP Semiconductors
NE83Q93 PHILIPS-NE83Q93 Datasheet
90Kb / 11P
   Enhanced coaxial Ethernet transceiver
1995 May 1
NE8392C PHILIPS-NE8392C Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
logo
List of Unclassifed Man...
AC104QF ETC2-AC104QF Datasheet
305Kb / 37P
   Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
AC1040F ETC2-AC1040F Datasheet
327Kb / 37P
   Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
logo
Texas Instruments
DP83825I TI1-DP83825I Datasheet
861Kb / 78P
[Old version datasheet]   Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
TLK1221 TI-TLK1221 Datasheet
854Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVER
logo
Cirrus Logic
CS8904 CIRRUS-CS8904 Datasheet
1Mb / 34P
   ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com