Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE83C92A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NE83C92A
Description  Low-power coaxial Ethernet transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE83C92A Datasheet(HTML) 5 Page - NXP Semiconductors

  NE83C92A Datasheet HTML 1Page - NXP Semiconductors NE83C92A Datasheet HTML 2Page - NXP Semiconductors NE83C92A Datasheet HTML 3Page - NXP Semiconductors NE83C92A Datasheet HTML 4Page - NXP Semiconductors NE83C92A Datasheet HTML 5Page - NXP Semiconductors NE83C92A Datasheet HTML 6Page - NXP Semiconductors NE83C92A Datasheet HTML 7Page - NXP Semiconductors NE83C92A Datasheet HTML 8Page - NXP Semiconductors NE83C92A Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Philips Semiconductors
Product specification
NE83C92
Low-power coaxial Ethernet transceiver
1995 May 1
5
TIMING CHARACTERISTICS
VEE = –9V +6%; TA = 0 to 70°C, unless otherwise specified1. No external isolation diode on TXO.
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tRON
Receiver start up delay RXI to RX
± (Figure 3)
First received bit on RX
±
VRXI = –2V peak
3
5
bits
First validly timed bit on RX
±
tRON +2
bits
tRD
Receiver prop. delay RXI to RX
±
VRXI = –2V peak
20
50
ns
tRR
Differential output rise time on RX
± and CD±2,3
5
7
ns
tRF
Differential output fall time on RX
± and CD±2,3
5
7
ns
tOS
Differential output settling time on RX
± and CD±
to VOB = 40mV2 (see Figure 4)
1
µs
tRJ
Receiver and cable total jitter
±2
±6
ns
tRHI
Receiver high to idle time
Measured to +210mV
200
850
ns
tRM
Rise and fall time matching on RX+ and CD+
tRF – tRR
0.1
±2
ns
tTST
Transmitter start-up delay TX
± to TXO (Figure 5)
First transmitted bit on TXO
VTX+ = –1V peak
1
2
bits
First validly timed bit
tTST + 2
bits
tTD
Transmitter prop delay TX
± to TXO
(see Figure 5)
VTX+ = 1V peak
5
20
50
ns
tTR
Transmitter rise time 10% to 90% (see Figure 5)
20
25
30
ns
tTF
Transmitter fall time 10% to 90% (see Figure 5)
20
25
30
ns
tTM
tTF – tTR mismatch5
0
±2
ns
tTS
Transmitter added skew4,5
0
±2
ns
tTON
Transmitter turn on pulse width (see Figure 5)
VTX± = 1V peak
10
35
ns
tTOFF
Transmitter turn off pulse width (see Figure 5)
VTX+ = 1V peak
125
200
ns
tCON
Collision turn on delay (see Figure 6)
0V to –2V step at RXI
13
bits
tCOFF
Collision turn off delay (see Figure 6)
–2V to 0V step at RXI
16
bits
tCHI
Collision high to idle time (see Figure 6)
Measured to +210mV
200
850
ns
fCD
Collision frequency (see Figure 6)
8.5
10
11.5
MHz
tCP
Collision signal pulse width (see Figure 6)
35
70
ns
tHON
Heartbeat turn on delay (see Figure 7)
0.6
1.6
µs
tHW
Heartbeat test duration (see Figure 7)
0.5
1.5
µs
tJA
Jabber activation delay measured from TX
± to
CD
± (see Figure 8)
20
60
ms
tJR
Jabber reset delay measured from TX
± to CD±
(see Figure 8)
250
650
ms
NOTES:
1. All typicals are for VEE = –9V and TA = 27°C.
2. Measured on secondary side of isolation transformer (see Figure 2). The transformer has a 1:1 turn ratio with an inductance between 30
and 100
µH at 5MHz.
3. The rise and fall times are measured as the time required for the differential voltage to change from –225mV to +225mV, or +225mV to
–225mV, respectively.
4. Difference in propagation delay between rising and falling edges at TXO.
5. Not 100% tested in production.


Similar Part No. - NE83C92A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE8392 PHILIPS-NE8392 Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
NE8392C PHILIPS-NE8392C Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
NE8392CA PHILIPS-NE8392CA Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
NE8392CN PHILIPS-NE8392CN Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
NE83Q92 PHILIPS-NE83Q92 Datasheet
137Kb / 9P
   Low-power coaxial Ethernet transceiver
1995 May 1
More results

Similar Description - NE83C92A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE83Q92 PHILIPS-NE83Q92 Datasheet
137Kb / 9P
   Low-power coaxial Ethernet transceiver
1995 May 1
logo
List of Unclassifed Man...
78Q8392L-CP ETC-78Q8392L-CP Datasheet
54Kb / 12P
   Low Power Ethernet Coaxial Transceiver
logo
Teridian Semiconductor ...
78Q8392L TERIDIAN-78Q8392L Datasheet
298Kb / 14P
   Low Power Ethernet Coaxial Transceiver
logo
NXP Semiconductors
NE83Q93 PHILIPS-NE83Q93 Datasheet
90Kb / 11P
   Enhanced coaxial Ethernet transceiver
1995 May 1
NE8392C PHILIPS-NE8392C Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
logo
List of Unclassifed Man...
AC104QF ETC2-AC104QF Datasheet
305Kb / 37P
   Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
AC1040F ETC2-AC1040F Datasheet
327Kb / 37P
   Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
logo
Texas Instruments
DP83825I TI1-DP83825I Datasheet
861Kb / 78P
[Old version datasheet]   Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
TLK1221 TI-TLK1221 Datasheet
854Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVER
logo
Cirrus Logic
CS8904 CIRRUS-CS8904 Datasheet
1Mb / 34P
   ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com